Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2202 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # ZIOL2202
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2202 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button ZIOL2202 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 25Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 26Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 27Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 28Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
25 of 90
implemented. Since the pin count of the package is limited to 24 pins, the SPI specific pins (CLK, MOSI, and
MISO) are multiplexed with IO-pins of the COM driver. A dedicated pin SPI_EN_L is used to switch between SPI
(logic low) and COM transceiver functionality (logic high). The low voltage (LV) interface works with 3.3V supply
voltage (refer to Figure 3.1). The LV outputs drive 3.3V as high level, the inputs are 5V tolerant.
If the SPI communication channel of the ZIOL2xxx Ics is active (SPI_EN_L = low), the status of the COM channel
drivers is kept. This means while SPI_EN_L = low the output driver status (driving low, driving high, or high-z) is
the same as defined by the pins TX_EN/SPI_CLK and TX/MOSI at the point of time of the SPI_EN_L high-low
transition. The AUX channel is not affected by the activity of the SPI communication. For more information, please
refer to chapter 3.3.8 and Figure 3.10.
3.3.2.
IO-Link Master11 and Device Mode
The IC architecture is suitable for both IO-Link application cases, the physical layer transceiver at an IO-Link
master port and at an IO-Link device port. In the first case the IC shall operate in its “master mode” which is the
case if configuration register [7] bit 7 is set (=1). If the IC shall operate in “device mode”, configuration register [7]
bit 7 shall be cleared (=0). Details regarding the control of both driver channels are described in chapter 3.2.1,
3.2.2.2 and 3.2.3.3.
The IO-Link specific WURQ detection (detection of an IO-Link master’s wake-up request, refer to IO-Link
Communication Specification – chapter 8, [2]) works only in device mode.
3.3.3.
Internal Exceptions
Depending on the IC configuration the ZIOL2xxx can detect several critical situations and rise internal exceptions
accordingly. Also depending on the IC configuration an occurred internal exception can be indicated externally by
changing the logic level of the INT-L pin to “low”. The situations that cause an internal exception are channel locks
(channel driver protection), detected IO-Link specific Wake-Up pulses and several issues concerning the internal
EEPROM as described in chapter 3.3.10.
3.3.4.
IO-Link specific Wake-Up (WURQ)
In device mode the IC can detect the IO-Link specific wake-up request (WURQ) of the IO-Link master and can
therefore help to save resources in the microcontroller of IO-Link device. As regards the IO-Link specific “Wake-
Up (WURQ)” specification, please refer to the IO-Link Communication Specification issued by the IO-Link
consortium (refer to chapter 8, [2]).
The WURQ can be detected on the COM or on the AUX channel. The chosen channel is defined in a
configuration register (IRQ_WURQ_CTRL, refer to chapter 3.3.9).
In order to establish an IO-Link specific communication, the master will generate the WURQ event. In this case
the master overdrives the devices output level for a determined period. The ZIOL2xxx can detect that event which
physically occurs in two ways:
 A current overload in the drivers output for a certain period
 A contradiction of the TX and RX lines of the device for a certain period
11 Not applicable for the IC versions ZIOL22xx/21xx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com