Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2202 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # ZIOL2202
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2202 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button ZIOL2202 Datasheet HTML 43Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 44Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 45Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 46Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 47Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 48Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 49Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 50Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
47 of 90
An EEPROM single bit error indicates a one bit problem in the content of the EEPROM. Since the EEPROM
includes a self correction, one bit errors will be detected and corrected automatically. However, the indication shall
trigger a rewrite
17 of the entire EEPROM content.
The EEPROM 2-bit error indicates a two bit problem in the content of the EEPROM. That error is not
automatically corrected, so the content of the EEPROM can not be considered as correct. Thus a reprogramming
is absolutely required.
The valid-flag is used to indicate that the last write access to the EEPROM was successful. If the valid-flag
indicates a problem, then the chip configuration has to be regarded as faulty – no save IC function can be
guaranteed. Rewriting of the entire EEPROM content is necessary. In case of a regular write process to the
EEPROM is not completed, for instance by an interruption of the IC supply power within the ongoing write
process, the valid-flag will indicate this as a problem because of the EEPROM content might be corrupt.
Besides the signalization of IC-internal exceptions the IN_L pin signals also the system reset state. The system
reset state is indicated with active low on the INT_L pin.
Figure 3.14 Interrupt (INT_L pin) and Wake-up (WURQ_L pin) Signaling
18
reset OVL/OVT counter only
COM
OFF if IRQ_LOCK_COM == 1
AUX
OFF if IRQ_LOCK_AUX == 1
Both
OFF if IRQ_LOCK_OVT == 1
or
(COM and
IRQ_POWER_FAIL == 1
AUX)
1
AND
(8x)
8
8
NOR
8
IRQ
INT_L pin
(low active)
MON_RST_LOCK_OVT
MON_RST_LOCK_COM
MON_RST_LOCK_AUX
MON_RST_WURQ
MON_RST_POWER_FAIL
reserved
reserved
reserved
0
7
bit
reset
0
6
5
4
3
2
1
0
0
0
0
0
0
0
w / pulse
Memory
Control
8
IRQ_EN_LOCK_OVT
IRQ_EN_LOCK_COM
IRQ_EN_LOCK_AUX
IRQ_EN_EEPROM2_ERR
IRQ_EN_EEPROM_ERR
IRQ_EN_VALID_FLAG_ERR
IRQ_EN_WURQ
IRQ_EN_POWER_FAIL
0
7
bit
reset
1
6
5
4
3
2
1
1
1
1
1
1
1
1
r / w
WURQ_L pin config
DC/DC converter
AUX_LOCK Circuit
COM_LOCK Circuit
OVT_LOCK Circuit
Power Fail Detection
set
clear
set
clear
set
clear
set
clear
A write access to the MON_RST_LOCK_WURQ/MON_RST_COUNT
register leads to a reset of the circuit that is associated with the for this
partial functionality assigned register bit if the write-data contain a 1 at to
this bit corresponding bit position.
For example, writing 0x08 to MON_RST_LOCK_WURQ will reset a
detected WURQ exception but not a possibly performed lock with respect to
the COM-channel, AUX-channel, and the over-temp detection circuit.
WURQ
INT_L pin
(low active)
INL_L pin config
WURQDETECT_LVL
WURQDETECT_CURRENT
WURQSOURCE
IRQ_NOREG
BOTH_CHANNEL_LOCK
DCDC_READY_DELAY
WURQ_PAD_MODE
IRQ_PAD_MODE
0
7
bit
reset
0
6
5
4
3
2
1
0
1
0
0
0
0
0
r / w
Driver OFF
Partial Reset via SPI
IRQ_LOCK_OVT
IRQ_LOCK_COM
IRQ_LOCK_AUX
IRQ_EEPROM2_ERR
IRQ_EEPROM_ERR
IRQ_VALID_FLAG_ERR
IRQ_WURQ
IRQ_POWER_FAIL
0
7
bit
reset
0
6
5
4
3
2
1
0
0
0
0
0
0
0
r / rst
Internal IC
Sensors for
Overload and
Over-
temperature
dectection
lock circuit reset (influences also reg[18])
MON_RST_OVT
MON_RST_COM_LS
MON_RST_COM_HS
MON_RST_AUX_LS
MON_RST_AUX_HS
reserved
reserved
reserved
0
7
bit
reset
0
6
5
4
3
2
1
0
0
0
0
0
0
0
w / pulse
Driver
Protection
Circuit
4
State Signals
WURQ Detection
set
clear
17 Note: IC versions ZIOL2xx2 do not allow any write access.
18 The in this an in the following figures used symbols for the IC registers are explained in Figure 9.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com