Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2202 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ZIOL2202
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2202 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ZIOL2202 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
12 of 90
Symbol
Parameter
Min
Typ
1)
Max
Unit
Conditions
Microcontroller Interface
9)
VLIH
Voltage range for input ”high”
level
2.5
5.5
V
@ VDD_LV = 3.6V, otherwise
VLIH-min = 0.7  VDD_LV
VLIL
Voltage range for input ”low” level -0.3
0.9
V
@ VDD_LV = 3.0V, otherwise
VLIL-max = 0.3  VDD_LV
ILIH
Logic “high”
input current
-1
1
µA
@ VLIH = VDD_LV
ILIL
Logic “low”
input current
@ pins without
pull-up/pull-down
resistors:
INT_L, WURQ_L
-1
1
µA
@ VLIL = 0V
ILIH_PD
Logic “high”
input current
-300
-150
µA
@ VLIH = VDD_LV-max = 3.6V
@ VLIH = 5.5V, VDD_LV-max = 3.6V
ILIL_PD
Logic “low”
input current
@ pins with pull-
down resistors:
TX_EN/SPI_CLK,
TX/MOSI,
AUX_EN,
AUX_TX,
DC_RDY
-1
1
µA
@ VLIL = 0V, VDD_LV-max = 3.6V
@ VLIL = 0V, VDD_LV-max = 3.0V
ILIH_PU
Logic “high”
input current
-1
1
µA
@ VLIH-min = VDD_LV-max = 3.0V
@ VLIH-max = VDD_LV-max = 3.6V
ILIL_PU
Logic “low”
input current
@ pins with pull-
up resistors:
RST_L,
SPI_EN_L
-150
250
µA
@ VLIL = 0V, VDD_LV-max = 3.6V
@ VLIL = -0.3V, VDD_LV-max = 3.6V
VLOL
Logic “high”
output voltage
0
5
%
VDD_LV @ ILIL = 1mA
VLOH
Logic “high”
output voltage
@ output pins:
RX/MISO,
AUX_RX
95
100
%
VDD_LV @ ILIH = -1mA
Internal Current Consumption
10)
IVDD
Current into VDD
1.7
2.5
mA
SPI_EN=3.3V
ILR_IN
Current into LR_IN
2.2
3.4
mA
SPI_EN=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com