Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2202 Datasheet(PDF) 90 Page - List of Unclassifed Manufacturers

Part # ZIOL2202
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2202 Datasheet(HTML) 90 Page - List of Unclassifed Manufacturers

Back Button ZIOL2202 Datasheet HTML 83Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 84Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 85Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 86Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 87Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 88Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 89Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 90Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 91Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 90 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
90 of 90
Number
Failure
IC Supply
IC function
to COM/AUX.
F6
Reverse
interconnection
of the 24V
power supply
to L+ and L-.
The reverse polarity protection diodes
prevent a power supply of the IC.
No power – no function.
F7
Reverse
interconnection
of the 24V
power supply
to L+ and L-
but in addition
to that is the
24V power
supply falsely
interconnected
to COM/AUX.
Also in
combination
with F1 or F2.
The IC is permanently powered via
the COM/AUX external protection
diodes (and internal parasitic diodes).
A similar situation is if the IC gets
“supply power” via incoming (toggling)
cable signals.
The LF function will detect this as
LINE_FAULT event and will raise an
exception. This exception can be signaled
to the µC via the INT_L signal if
configured accordingly.
Customer recommendation:
Subsequently the µC shall stop any
communication and shall handle (e.g.
signal) the power fail situation.
F8
The voltage of
the regular
24V power
supply drops
under 8V
The control circuit of the IC is
powered regularly but the HV driver
may cause malfunction since the
voltage at the VDD pin dropped below
8V.
The UV function will detect this as
UNDER_VOLTAGE event and will raise
an exception unconditionally.
Sales and Further Information
www.zmdi.com
sales@zmdi.com
Zentrum Mikroelektronik
Dresden AG
Grenzstrasse 28
01109 Dresden
Germany
ZMD America, Inc.
8413 Excelsior Drive
Suite 200
Madison, WI 53717
USA
Zentrum Mikroelektronik
Dresden AG, Japan Office
2nd Floor, Shinbashi Tokyu Bldg.
4-21-3, Shinbashi, Minato-ku
Tokyo, 105-0004
Japan
ZMD FAR EAST, Ltd.
3F, No. 51, Sec. 2,
Keelung Road
11052 Taipei
Taiwan
Phone
+49 (0)351.8822.7465
Fax
+49 (0)351.8822.87465
Phone
+1 (608) 829-1987
Fax
+1 (631) 549-2882
Phone
+81.3.6895.7410
Fax
+81.3.6895.7301
Phone
+886 2 2377 8189
Fax
+886 2 2377 8199
DISCLAIMER: This information applies to a product under development. Its characteristics and specifications are PRELIMINARY and subject to change without notice. Zentrum
Mikroelektronik Dresden AG (ZMD AG) assumes no obligation regarding future manufacture unless otherwise agreed to in writing. The information furnished hereby is believed to be true
and accurate. However, under no circumstances shall ZMD AG be liable to any customer, licensee, or any other third party for any special, indirect, incidental, or consequential damages of
any kind or nature whatsoever arising out of or in any way related to the furnishing, performance, or use of this technical data. ZMD AG hereby expressly disclaims any liability of ZMD AG
to any customer, licensee or any other third party, and any such customer, licensee and any other third party hereby waives any liability of ZMD AG for any damages in connection with or
arising out of the furnishing, performance or use of this technical data, whether based on contract, warranty, tort (including negligence), strict liability, or otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com