Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2202 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZIOL2202
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2202 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZIOL2202 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
9 of 90
2.3.
Electrical Parameters
All parameter values are valid under operating conditions specified in chapter 2.2 if no other conditions are
mentioned.
Table 2.3
Electrical Characteristics
Symbol
Parameter
Min
Typ
1)
Max
Unit
Conditions
Transmitter Output Stages (COM
1/AUX2)
IDAL_0
50
IDout_0
mA
IDAL_1
100
IDout_1
mA
IDAL_2
200
IDout_2
mA
IDAL_3
Alarm level threshold
corresponding to configurable
output current limitation
2)
Dual Driver Mode
250
IDout_3
mA
Dual mode
The active setting is defined in
the configuration registers
IMAL_0
100
IMout_0
mA
IMAL_1
200
IMout_1
mA
IMAL_2
400
IMout_2
mA
IMAL_3
Alarm level threshold
corresponding to configurable
output current limitation
2)
Tandem Driver Mode
500
IMout_3
mA
Tandem mode
The active setting is defined in
the configuration registers.
IDout_0
56
95
mA
IDout_1
112
180
mA
IDout_2
224
330
mA
IDout_3
Configurable output current limit
2)
Dual Driver Mode
280
410
mA
Dual mode
The active setting is defined in
the configuration registers.
IMout_0
112
180
mA
IMout_1
224
360
mA
IMout_2
448
660
mA
IMout_3
Configurable output current limit
2)
Tandem Driver Mode
560
820
mA
Tandem mode
The active setting is defined in
the configuration registers.
SR38
6
10
14
5)
V/µs
referring to IO-Link Spec.:
38,4kBaud (COM2),
SR230
Slew rate
3)
40
60
80
5)
V/µs
referring to IO-Link Spec.:
230.4kBaud (COM3)
tTLHdelayCOM3
Propagation delay L-H edge
250
ns
Time from LV L-H edge till HV
edge begins to rise (COM3 baud
rate)
tTHLdelayCOM3
Propagation delay H-L edge
250
ns
Time from LV H-L edge till HV
edge begins to fall (COM3 baud
rate)
1 The COM transmitter is only available inside the products ZIOL24xx/22xx
2 The AUX transmitter is only available inside the products ZIOL24xx/21xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com