Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2202 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZIOL2202
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2202 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZIOL2202 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
2 of 90
Contents
1
The ZIOL2xxx IC Family Overview .......................................................................................6
2
Electrical Characteristics ......................................................................................................7
2.1. Absolute Maximum Ratings ............................................................................................7
2.2. Operating Conditions ......................................................................................................8
2.3. Electrical Parameters ......................................................................................................9
3
Detailed Description............................................................................................................15
3.1. Block schematic ............................................................................................................15
3.2. Dual Channel Transceiver.............................................................................................16
3.2.1. IC Data Path Configuration......................................................................................16
3.2.2. Transmitter ..............................................................................................................20
3.2.3. Receiver ..................................................................................................................22
3.3. System Control .............................................................................................................24
3.3.1. General....................................................................................................................24
3.3.2. IO-Link Master and Device Mode ............................................................................25
3.3.3. Internal Exceptions ..................................................................................................25
3.3.4. IO-Link specific Wake-Up (WURQ)..........................................................................25
3.3.5. IC Self-Protection – Lock Mode ...............................................................................27
3.3.6. Channel Locking in Master/Device Mode ................................................................29
3.3.7. Memory Unit ............................................................................................................29
3.3.8. Serial Peripheral Interface (SPI) ..............................................................................31
3.3.9. Register Table / Registers for IC Configuration and Monitoring...............................36
3.3.10.Interrupt and IC Lock Mode Control.........................................................................46
3.3.11.Die Temperature Measurement ...............................................................................54
3.4. Smart Power Supply .....................................................................................................54
3.5. The Power Fail Detector ...............................................................................................56
3.5.1. Overview..................................................................................................................56
3.5.2. Line-Fault Detector ..................................................................................................56
3.5.3. Under-voltage Detector............................................................................................57
3.5.4. Channel Locking and Interrupt Generation ..............................................................57
3.5.5. Downward Compatibility ..........................................................................................57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com