Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2202 Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # ZIOL2202
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2202 Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button ZIOL2202 Datasheet HTML 64Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 65Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 66Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 67Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 68Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 69Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 70Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 71Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
68 of 90
5
Pin Configuration, Latch-Up and ESD Protection
5.1.
Pin Configuration and Latch-up Conditions
Table 5.1
Pin Configuration and Latch-Up Conditions
Pin
Name
1)
Description
Remarks
Usage
1) /
Connection
3)
Application Circuit Restrictions
and/or Remarks
11, 20
VDD (x2)
Positive external supply
voltage pins (HV
4))
Supply IN
Required/-
Both pins must be interconnected
using a low impedance wiring
14, 17
VSS (x2)
Negative external supply
voltage pins
Ground
Required/-
Both pins and the exposed die
paddle must be interconnected
using a low impedance wiring
n.a.
VSS
Exposed die paddle
Ground
Required
Requirements:
- to be connected to VSS
- cooling via’s underneath the die
paddle (refer to application note
from Amkor (refer to [4] in chapter
8)
24
RST_L
Reset Input
Digital IN
L-active
Required or
open/-
Pin tolerates 5V logic signals
15
PFD
Power Fail Detector
(sense input of the line-
fail detector)
Analog IN
Required/
VDD, LR_OUT or
VSS (Rev A
compatibility) or
Voltage divider
HV analog input pin, avoid long
wires in order to optimize the
EMC behavior
7
SPI_EN_L
SPI enable
Digital IN
L-active
Required/-
Pin tolerates 5V logic signals
8
INT_L
Overload indication
Digital OUT
L-active
Required or
open/-
9
WURQ_L
Wake up detect signal
Digital OUT
L-active
Required or
open/-
4
TX_EN/SPI_CLK COM driver enable
Digital IN
H-active
Required/-
Pin tolerates 5V logic signals
5
TX/MOSI
TX: Data input
MOSI: SPI IN
Digital IN
Required or
open/-
Pin tolerates 5V logic signals
6
RX/MISO
RX: Data output
MISO: SPI OUT
Digital OUT Required or
open/-
12
COM_I
COM driver IN
HV
4) IN
Required or
open/-
13
COM_O
COM driver OUT
HV
4) OUT
Required or
open/-
1
AUX_EN
AUX driver enable
Digital IN
H-active
Required/-
Pin tolerates 5V logic signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com