Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2202 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # ZIOL2202
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2202 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button ZIOL2202 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
18 of 90
The (stripped down) IC versions ZIOL22xx/21xx contain only one channel. Figure 3.3 and Figure 3.4 show the
data path of the ZIOL22xx versions and ZIOL21xx versions, respectively. The following chapters regarding details
of the transmitter and receiver apply to IC versions with two channels (ZIOL24xx). The in the following described
functionality applies to IC versions with one channel (ZIOL22xx/21xx) correspondingly. With the implicit
understanding that one channel IC versions cannot perform tandem (master) mode operations or coordinated
transceiver operations no explicit statement in the following chapters will reflect this.
Figure 3.4 ZIOL21xx Transceiver Data Path in Principle
The master mode configuration flags MASTER_MODE, EN_FOLLOW_PRIM_CH and PRIMARY_MASTER_CH
located in the MASTER_SENS_CTRL configuration register (refer to Table 3.7) control the switches S0, S1, S2
and S3 (Figure 3.2, Figure 3.3 and Figure 3.4) thus they control the actually used data path. In principle, the
ZIOL2xxx IC family supports five data path types which are mentioned in Table 3.1. In case the MASTER_MODE
flag is cleared (=0), the IC operates in device mode. For more information about the operation in device/master
mode, please refer to chapter 3.2.2.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com