Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2202 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # ZIOL2202
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2202 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button ZIOL2202 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
16 of 90
3.2.
Dual Channel Transceiver
3.2.1.
IC Data Path Configuration
The ZIOL2xxx ICs contains one (ZIOL22xx/21xx) or two (ZIOL24xx) transceiver channels. The channels inside
the product versions with two channels can work independently in the “Dual Mode” or coordinated in “Tandem
Mode”. The data path of the ZIOL24xx Ics is illustrated in Figure 3.2. Both channels, which are designed
identically, are widely configurable. Due to configuration and the range of supported supply voltages the Ics can
be used in a broad field of applications. Example applications can be level shifter for standard sensor applications
or driver for resistive, capacitive or inductive loads.
Figure 3.2 ZIOL24xx Transceiver Data Path in Principle
Maximum driver capability of minimum 500mA can be achieved by combining both drivers. In this case the drivers
work in parallel (Tandem Mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com