Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2202 Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # ZIOL2202
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2202 Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button ZIOL2202 Datasheet HTML 57Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 58Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 59Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 60Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 61Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 62Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 63Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 64Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
61 of 90
min
,
,
max
,
_
,
min
2
1
OUT
Sw
set
OUT
HV
DD
set
OUT
I
f
V
V
V
L
,
where IOUT,min is the lowest output current, VDD_HV,max is the highest input voltage and fSw is the switching frequency
of the DC/DC converter.
3.6.4.
PCB Layout considerations
To achieve optimal parameters for the DC/DC converter (e.g. efficiency or ripple voltage), attention has to be
given to the PCB layout. Figure 3.23 shows the DC/DC converter, its external elements and two high frequency
loops. The length of each loop has to be as short as possible. Furthermore, the distance between SW and FB has
to be as large as possible to decrease the interference. It is recommended to have ground planes in between
each signal line.
Figure 3.23 High frequency critical loops of DC/DC converter for PCB layout
L1
D1
C1
R1
R2
C5
SW
FB
VDD
C2
Loop 1
Loop 2
VDD_HV
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com