Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2202 Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # ZIOL2202
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2202 Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button ZIOL2202 Datasheet HTML 66Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 67Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 68Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 69Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 70Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 71Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 72Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 73Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
70 of 90
6
Package
6.1.
Pin Hardware Configurations
In contrast to the integrated circuit product ZIOL2401 which is base IC for the ZIOL2401 IC family, not all derived
Ics provide all electrical pin interconnections as provided with the ZIOL2401. Table 6.1 shows what pins are not
connected (n.c.).
Table 6.1
Availability of Pin Interconnections
Pin
Number
Pin
Name
ZIOL
240x
1) 2)
ZIOL
241x
1) 2)
ZIOL
220x
1) 2)
ZIOL
221x
1) 2)
ZIOL
210x
1) 2)
ZIOL
211x
1) 2)
PCB Design
Recommendations for
not connected (n.c.)
Pins
12
COM_I
+
+
+
+
n.c.
n.c.
Connect to VSS
13
COM_O
+
+
+
+
n.c.
n.c.
Connect to VSS
19
AUX_I
+
+
n.c.
n.c.
+
+
Connect to VSS
18
AUX_O
+
+
n.c.
n.c.
+
+
Connect to VSS
21
SW
+
n.c.
+
n.c.
+
n.c.
Do not connect
22
FB
+
n.c.
+
n.c.
+
n.c.
Do not connect
1) “+”:
Pin is in connected, regular use as mentioned in this datasheet
2) “n.c.”: Pin is not connected, the PC design recommendations shall be considered
6.2. Pin Diagram
The standard package of the ZIOL2xxx is a “sawn type” 24 pin MicroLeadFrame package (Amkor, QFN24): It is a
green package having a 4mm body width and a lead pitch of 0.5 mm (refer to [3] in chapter 8).
Wit respect to the different pin hardware configurations of certain Ics of the product family ZIOL2xxx not all pins
are interconnected with the silicon die (for more information refer to Table 6.1). the pin diagram shown in Figure
6.1 does not reflect this or can be considered as the pin diagram of the ZIOL2401.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com