Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2202 Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # ZIOL2202
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2202 Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button ZIOL2202 Datasheet HTML 63Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 64Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 65Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 66Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 67Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 68Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 69Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 70Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
67 of 90
Figure 4.4 shows two layout variants as regards the component placement in the case the DC/DC converter is
used in the application circuit. The in this figure shown PCBs are the PCBs of the ZIOL2xxx application kits
(ZIOL2xxx LabKit: 2-layer-PCB/ ZIOL2xxx USB-Stick: 4-layer-PCB). The complete PCB documentation of the
applications kit is available at ZMDI upon request and is part of the documentation package of the application kits.
Another more optimized PCB layout recommendation for utilizing the on-chip DC/DC-converter shows Figure 3.24
in chapter 3.6.4. An appropriated explanation about the considerations behind this recommendation is give in this
chapter as well and illustrated in Figure 3.23.
Table 4.1
Recommended External Components
Symbol
Parameter
Min
Typ
Max
Unit
Notes
R1
R
14
1)
112
2)
kΩ
Value depends on desired output
voltage.
R2
R
10
kΩ
R3
R
-1%
49.9
+1%
kΩ
Low tolerance range resistor (1% class)
R4
R
-1%
210
+1%
kΩ
Low tolerance range resistor (1% class)
L1
L
10
50
µH
Optimal value depends on application
requirements.
C1
C
10
50
µF
Low ESR recommended
C2
C
100
nF
Low ESR required
C3
C
10
µF
Low ESR recommended
C4
C
100
nF
Low ESR required
C5
C
10
µF
Low ESR recommended
Schottky Diode
VRRM
40
V
D1
IF
0.2
A
Recommended: small signal low cap
schottky diode, e.g.
TMMBAT48 (SGS-THOMSON) or
similar device
Schottky Diode
VRRM
40
V
D2, D3
IF
1.0
3)
A
Only in device applications
Recommended:
10BQ040PBF (Vishay) or similar device
Schottky Diode
VRRM
40
V
D4 – D7
IF
0.1
A
Recommended:
BAT64-04W ( nfineon) or similar
device,
The BAT64-04W has a SOT323
package with two diodes in series. Thus
there only one component for one
channel (one dual diode for D4/D5 and
one dual diode for D6/D7).
Q1
Optocoupler
ACPL-217 (Avago Technologies)
1) R2 = 10kΩ, please refer to minimum output voltage Vout in Table 2.3
2) R2 = 10kΩ, please refer to maximum output voltage Vout in Table 2.3
3) Two channels in operation, each channel drives max. current
4) IMPORTANT: The ratio R4/R3 shall be 4.2084 +/- 2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com