Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO137RSB2 Datasheet(PDF) 22 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 22 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 18Page - Microsemi Corporation IO137RSB2 Datasheet HTML 19Page - Microsemi Corporation IO137RSB2 Datasheet HTML 20Page - Microsemi Corporation IO137RSB2 Datasheet HTML 21Page - Microsemi Corporation IO137RSB2 Datasheet HTML 22Page - Microsemi Corporation IO137RSB2 Datasheet HTML 23Page - Microsemi Corporation IO137RSB2 Datasheet HTML 24Page - Microsemi Corporation IO137RSB2 Datasheet HTML 25Page - Microsemi Corporation IO137RSB2 Datasheet HTML 26Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 17
Figure 2-5 •
Tristate Output Buffer Timing Model and Delays (Example)
D
CLK
Q
D
CLK
Q
10% VCCI
tZL
Vtrip
50%
tHZ
90% VCCI
tZH
Vtrip
50%
50%
tLZ
50%
EOUT
PAD
D
E
50%
tEOUT (R)
50%
tEOUT (F)
PAD
DOUT
EOUT
D
I/O Interface
E
tEOUT
tZLS
Vtrip
50%
tZHS
Vtrip
50%
EOUT
PAD
D
E
50%
50%
tEOUT (R)
tEOUT (F)
50%
VCC
VCC
VCC
VCCI
VCC
VCC
VCC
VOH
VOL
VOL
tZL, tZH, tHZ, tLZ, tZLS, tZHS
tEOUT = MAX(tEOUT(r), tEOUT(f))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com