Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO137RSB2 Datasheet(PDF) 41 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 41 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 37Page - Microsemi Corporation IO137RSB2 Datasheet HTML 38Page - Microsemi Corporation IO137RSB2 Datasheet HTML 39Page - Microsemi Corporation IO137RSB2 Datasheet HTML 40Page - Microsemi Corporation IO137RSB2 Datasheet HTML 41Page - Microsemi Corporation IO137RSB2 Datasheet HTML 42Page - Microsemi Corporation IO137RSB2 Datasheet HTML 43Page - Microsemi Corporation IO137RSB2 Datasheet HTML 44Page - Microsemi Corporation IO137RSB2 Datasheet HTML 45Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 36
Table 2-44 • 3.3 V LVTTL / 3.3 V LVCMOS Low Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.66
9.68
0.04
1.00
0.43
9.86
8.42
2.28
2.21
12.09
10.66
ns
–1
0.56
8.23
0.04
0.85
0.36
8.39
7.17
1.94
1.88
10.29
9.07
ns
–2
0.49
7.23
0.03
0.75
0.32
7.36
6.29
1.70
1.65
9.03
7.96
ns
6 mA
Std.
0.66
6.70
0.04
1.00
0.43
6.82
5.89
2.58
2.74
9.06
8.12
ns
–1
0.56
5.70
0.04
0.85
0.36
5.80
5.01
2.20
2.33
7.71
6.91
ns
–2
0.49
5.00
0.03
0.75
0.32
5.10
4.40
1.93
2.05
6.76
6.06
ns
8 mA
Std.
0.66
6.70
0.04
1.00
0.43
6.82
5.89
2.58
2.74
9.06
8.12
ns
–1
0.56
5.70
0.04
0.85
0.36
5.80
5.01
2.20
2.33
7.71
6.91
ns
–2
0.49
5.00
0.03
0.75
0.32
5.10
4.40
1.93
2.05
6.76
6.06
ns
12 mA
Std.
0.66
5.05
0.04
1.00
0.43
5.14
4.51
2.79
3.08
7.38
6.75
ns
–1
0.56
4.29
0.04
0.85
0.36
4.37
3.84
2.38
2.62
6.28
5.74
ns
–2
0.49
3.77
0.03
0.75
0.32
3.84
3.37
2.09
2.30
5.51
5.04
ns
16 mA
Std.
0.66
5.05
0.04
1.00
0.43
5.14
4.51
2.79
3.08
7.38
6.75
ns
–1
0.56
4.29
0.04
0.85
0.36
4.37
3.84
2.38
2.62
6.28
5.74
ns
–2
0.49
3.77
0.03
0.75
0.32
3.84
3.37
2.09
2.30
5.51
5.04
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
Table 2-45 • 3.3 V LVTTL / 3.3 V LVCMOS High Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Standard I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
Units
2 mA
Std.
0.66
7.07
0.04
1.00
0.43
7.20
6.23
2.07
2.15
ns
–1
0.56
6.01
0.04
0.85
0.36
6.12
5.30
1.76
1.83
ns
–2
0.49
5.28
0.03
0.75
0.32
5.37
4.65
1.55
1.60
ns
4 mA
Std.
0.66
7.07
0.04
1.00
0.43
7.20
6.23
2.07
2.15
ns
–1
0.56
6.01
0.04
0.85
0.36
6.12
5.30
1.76
1.83
ns
–2
0.49
5.28
0.03
0.75
0.32
5.37
4.65
1.55
1.60
ns
6 mA
Std.
0.66
4.41
0.04
1.00
0.43
4.49
3.75
2.39
2.69
ns
–1
0.56
3.75
0.04
0.85
0.36
3.82
3.19
2.04
2.29
ns
–2
0.49
3.29
0.03
0.75
0.32
3.36
2.80
1.79
2.01
ns
8 mA
Std.
0.66
4.41
0.04
1.00
0.43
4.49
3.75
2.39
2.69
ns
–1
0.56
3.75
0.04
0.85
0.36
3.82
3.19
2.04
2.29
ns
–2
0.49
3.29
0.03
0.75
0.32
3.36
2.80
1.79
2.01
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com