Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO137RSB2 Datasheet(PDF) 82 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 82 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 78Page - Microsemi Corporation IO137RSB2 Datasheet HTML 79Page - Microsemi Corporation IO137RSB2 Datasheet HTML 80Page - Microsemi Corporation IO137RSB2 Datasheet HTML 81Page - Microsemi Corporation IO137RSB2 Datasheet HTML 82Page - Microsemi Corporation IO137RSB2 Datasheet HTML 83Page - Microsemi Corporation IO137RSB2 Datasheet HTML 84Page - Microsemi Corporation IO137RSB2 Datasheet HTML 85Page - Microsemi Corporation IO137RSB2 Datasheet HTML 86Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 77
Timing Characteristics
Figure 2-20 • Input DDR Timing Diagram
tDDRICLR2Q2
tDDRIREMCLR
tDDRIRECCLR
tDDRICLR2Q1
12
3
4
5
6
7
8
9
CLK
Data
CLR
Out_QR
Out_QF
tDDRICLKQ1
2
4
6
3
5
7
tDDRIHD
tDDRISUD
tDDRICLKQ2
Table 2-102 • Input DDR Propagation Delays
Commercial-Case Conditions: TJ = 70°C, Worst Case VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
tDDRICLKQ1
Clock-to-Out Out_QR for Input DDR
0.27
0.31
0.37
ns
tDDRICLKQ2
Clock-to-Out Out_QF for Input DDR
0.39
0.44
0.52
ns
tDDRISUD
Data Setup for Input DDR (Fall)
0.25
0.28
0.33
ns
Data Setup for Input DDR (Rise)
0.25
0.28
0.33
ns
tDDRIHD
Data Hold for Input DDR (Fall)
0.00
0.00
0.00
ns
Data Hold for Input DDR (Rise)
0.00
0.00
0.00
ns
tDDRICLR2Q1
Asynchronous Clear-to-Out Out_QR for Input DDR
0.46
0.53
0.62
ns
tDDRICLR2Q2
Asynchronous Clear-to-Out Out_QF for Input DDR
0.57
0.65
0.76
ns
tDDRIREMCLR
Asynchronous Clear Removal time for Input DDR
0.00
0.00
0.00
ns
tDDRIRECCLR
Asynchronous Clear Recovery time for Input DDR
0.22
0.25
0.30
ns
tDDRIWCLR
Asynchronous Clear Minimum Pulse Width for Input DDR
0.22
0.25
0.30
ns
tDDRICKMPWH
Clock Minimum Pulse Width High for Input DDR
0.36
0.41
0.48
ns
tDDRICKMPWL
Clock Minimum Pulse Width Low for Input DDR
0.32
0.37
0.43
ns
FDDRIMAX
Maximum Frequency for Input DDR
350
309
263
MHz
Note:
For specific junction temperature and voltage-supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com