Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO137RSB2 Datasheet(PDF) 69 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 69 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 65Page - Microsemi Corporation IO137RSB2 Datasheet HTML 66Page - Microsemi Corporation IO137RSB2 Datasheet HTML 67Page - Microsemi Corporation IO137RSB2 Datasheet HTML 68Page - Microsemi Corporation IO137RSB2 Datasheet HTML 69Page - Microsemi Corporation IO137RSB2 Datasheet HTML 70Page - Microsemi Corporation IO137RSB2 Datasheet HTML 71Page - Microsemi Corporation IO137RSB2 Datasheet HTML 72Page - Microsemi Corporation IO137RSB2 Datasheet HTML 73Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 64
Timing Characteristics
Differential I/O Characteristics
Physical Implementation
Configuration of the I/O modules as a differential pair is handled by Microsemi Designer software when
the user instantiates a differential I/O macro in the design.
Differential I/Os can also be used in conjunction with the embedded Input Register (InReg), Output
Register (OutReg), Enable Register (EnReg), and Double Data Rate (DDR). However, there is no
support for bidirectional I/Os or tristates with the LVPECL standards.
LVDS
Low-Voltage Differential Signaling (ANSI/TIA/EIA-644) is a high-speed, differential I/O standard. It
requires that one data bit be carried through two signal lines, so two pins are needed. It also requires
external resistor termination.
The full implementation of the LVDS transmitter and receiver is shown in an example in Figure 2-11. The
building blocks of the LVDS transmitter-receiver are one transmitter macro, one receiver macro, three
board resistors at the transmitter end, and one resistor at the receiver end. The values for the three driver
resistors are different from those used in the LVPECL implementation because the output standard
specifications are different.
Along with LVDS I/O, ProASIC3 also supports Bus LVDS structure and Multipoint LVDS (M-LVDS)
configuration (up to 40 nodes).
Table 2-88 • 3.3 V PCI/PCI-X
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Advanced I/O Banks
Speed Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
Std.
0.66
2.68
0.04
0.86
0.43
2.73
1.95
3.21
3.58
4.97
4.19
ns
–1
0.56
2.28
0.04
0.73
0.36
2.32
1.66
2.73
3.05
4.22
3.56
ns
–2
0.49
2.00
0.03
0.65
0.32
2.04
1.46
2.40
2.68
3.71
3.13
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
Table 2-89 • 3.3 V PCI/PCI-X
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Standard Plus I/O Banks
Speed Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
Std.
0.66
2.31
0.04
0.85
0.43
2.35
1.70
2.79
3.22
4.59
3.94
ns
–1
0.56
1.96
0.04
0.72
0.36
2.00
1.45
2.37
2.74
3.90
3.35
ns
–2
0.49
1.72
0.03
0.64
0.32
1.76
1.27
2.08
2.41
3.42
2.94
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
Figure 2-11 • LVDS Circuit Diagram and Board-Level Implementation
140
100
Z0 = 50 
Z0 = 50 
165
165
+
–
P
N
P
N
INBUF_LVDS
OUTBUF_LVDS
FPGA
FPGA
Bourns Part Number: CAT16-LV4F12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com