Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO137RSB2 Datasheet(PDF) 70 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 70 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 66Page - Microsemi Corporation IO137RSB2 Datasheet HTML 67Page - Microsemi Corporation IO137RSB2 Datasheet HTML 68Page - Microsemi Corporation IO137RSB2 Datasheet HTML 69Page - Microsemi Corporation IO137RSB2 Datasheet HTML 70Page - Microsemi Corporation IO137RSB2 Datasheet HTML 71Page - Microsemi Corporation IO137RSB2 Datasheet HTML 72Page - Microsemi Corporation IO137RSB2 Datasheet HTML 73Page - Microsemi Corporation IO137RSB2 Datasheet HTML 74Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 65
Timing Characteristics
Table 2-90 • LVDS Minimum and Maximum DC Input and Output Levels
DC Parameter
Description
Min.
Typ.
Max.
Units
VCCI
Supply Voltage
2.375
2.5
2.625
V
VOL
Output Low Voltage
0.9
1.075
1.25
V
VOH
Output High Voltage
1.25
1.425
1.6
V
IOL 1
Output Lower Current
0.65
0.91
1.16
mA
IOH 1
Output High Current
0.65
0.91
1.16
mA
VI
Input Voltage
0
2.925
V
IIH 2,3
Input High Leakage Current
10
µA
IIL 2,4
Input Low Leakage Current
10
µA
VODIFF
Differential Output Voltage
250
350
450
mV
VOCM
Output Common Mode Voltage
1.125
1.25
1.375
V
VICM
Input Common Mode Voltage
0.05
1.25
2.35
V
VIDIFF
Input Differential Voltage
100
350
mV
Notes:
1. IOL/ IOH defined by VODIFF/(Resistor Network)
2. Currents are measured at 85°C junction temperature.
3. IIH is the input leakage current per I/O pin over recommended operating conditions VIH < VIN <VCCI. Input current is
larger when operating outside recommended ranges.
4. IIL is the input leakage current per I/O pin over recommended operation conditions where -0.3 V < VIN <VIL.
Table 2-91 • AC Waveforms, Measuring Points, and Capacitive Loads
Input Low (V)
Input High (V)
Measuring Point* (V)
1.075
1.325
Cross point
Note:
*Measuring point = Vtrip. See Table 2-22 on page 2-21 for a complete table of trip points.
Table 2-92 • LVDS
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Speed Grade
tDOUT
tDP
tDIN
tPY
Units
Std.
0.66
1.83
0.04
1.60
ns
–1
0.56
1.56
0.04
1.36
ns
–2
0.49
1.37
0.03
1.20
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com