Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO137RSB2 Datasheet(PDF) 46 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 46 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 42Page - Microsemi Corporation IO137RSB2 Datasheet HTML 43Page - Microsemi Corporation IO137RSB2 Datasheet HTML 44Page - Microsemi Corporation IO137RSB2 Datasheet HTML 45Page - Microsemi Corporation IO137RSB2 Datasheet HTML 46Page - Microsemi Corporation IO137RSB2 Datasheet HTML 47Page - Microsemi Corporation IO137RSB2 Datasheet HTML 48Page - Microsemi Corporation IO137RSB2 Datasheet HTML 49Page - Microsemi Corporation IO137RSB2 Datasheet HTML 50Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 41
Table 2-51 • 3.3 V LVTTL / 3.3 V LVCMOS Low Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Advanced I/O Banks
Drive
Strength
Equiv.
Software
Default
Drive
Strength
Option1
Speed
Grade
tDOUT
tDP
tDIN
tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS Units
100 µA
2 mA
Std.
0.60
15.86 0.04 1.54
0.43
15.86 13.51 4.09 3.80 19.25 16.90
ns
–1
0.51
13.49 0.04 1.31
0.36
13.49 11.49 3.48 3.23 16.38 14.38
ns
–2
0.45
11.84 0.03 1.15
0.32
11.84 10.09 3.05 2.84 14.38 12.62
ns
100 µA
4 mA
Std.
0.60
11.25 0.04 1.54
0.43
11.25
9.54
4.61 4.70 14.64 12.93
ns
–1
0.51
9.57
0.04 1.31
0.36
9.57
8.11
3.92 4.00 12.46 11.00
ns
–2
0.45
8.40
0.03 1.15
0.32
8.40
7.12
3.44 3.51 10.93
9.66
ns
100 µA
6 mA
Std.
0.60
11.25 0.04 1.54
0.43
11.25
9.54
4.61 4.70 14.64 12.93
ns
–1
0.51
9.57
0.04 1.31
0.36
9.57
8.11
3.92 4.00 12.46 11.00
ns
–2
0.45
8.40
0.03 1.15
0.32
8.40
7.12
3.44 3.51 10.93
9.66
ns
100 µA
8 mA
Std.
0.60
8.63
0.04 1.54
0.43
8.63
7.39
4.96 5.28 12.02 10.79
ns
–1
0.51
7.34
0.04 1.31
0.36
7.34
6.29
4.22 4.49 10.23
9.18
ns
–2
0.45
6.44
0.03 1.15
0.32
6.44
5.52
3.70 3.94
8.98
8.06
ns
100 µA
16 mA
Std.
0.60
8.05
0.04 1.54
0.43
8.05
6.93
5.03 5.43 11.44 10.32
ns
–1
0.51
6.85
0.04 1.31
0.36
6.85
5.90
4.28 4.62
9.74
8.78
ns
–2
0.45
6.01
0.03 1.15
0.32
6.01
5.18
3.76 4.06
8.55
7.71
ns
100 µA
24 mA
Std.
0.60
7.50
0.04 1.54
0.43
7.50
6.90
5.13 6.00 10.89 10.29
ns
–1
0.51
6.38
0.04 1.31
0.36
6.38
5.87
4.36 5.11
9.27
8.76
ns
–2
0.45
5.60
0.03 1.15
0.32
5.60
5.15
3.83 4.48
8.13
7.69
ns
Notes:
1. The minimum drive strength for any LVCMOS 3.3 V software configuration when run in wide range is ±100 µA. Drive
strength displayed in the software is supported for normal range only. For a detailed I/V curve, refer to the IBIS models.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com