Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO137RSB2 Datasheet(PDF) 19 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 19 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 15Page - Microsemi Corporation IO137RSB2 Datasheet HTML 16Page - Microsemi Corporation IO137RSB2 Datasheet HTML 17Page - Microsemi Corporation IO137RSB2 Datasheet HTML 18Page - Microsemi Corporation IO137RSB2 Datasheet HTML 19Page - Microsemi Corporation IO137RSB2 Datasheet HTML 20Page - Microsemi Corporation IO137RSB2 Datasheet HTML 21Page - Microsemi Corporation IO137RSB2 Datasheet HTML 22Page - Microsemi Corporation IO137RSB2 Datasheet HTML 23Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 14
User I/O Characteristics
Timing Model
Figure 2-2 •
Timing Model
Operating Conditions: –2 Speed, Commercial Temperature Range (TJ = 70°C), Worst Case
VCC = 1.425 V
DQ
Y
Y
DQ
DQ
DQ
Y
Combinational Cell
Combinational Cell
Combinational Cell
I/O Module
(Registered)
I/O Module
(Non-Registered)
Register Cell
Register Cell
I/O Module
(Registered)
I/O Module
(Non-Registered)
LVPECL (Applicable to
Advanced I/O Banks Only)L
LVPECL
(Applicable
to Advanced
I/O Banks only)
LVDS,
BLVDS,
M-LVDS
(Applicable for
Advanced I/O
Banks only)
LVTTL 3.3 V Output drive
strength = 12 mA High slew rate
Y
Combinational Cell
Y
Combinational Cell
Y
Combinational Cell
I/O Module
(Non-Registered)
LVTTLOutput drive strength = 8 mA
High slew rate
I/O Module
(Non-Registered)
LVCMOS 1.5 VOutput drive strength = 4 mA
High slew rate
LVTTLOutput drive strength = 12 mA
High slew rate
I/O Module
(Non-Registered)
Input LVTTL
Clock
Input LVTTL
Clock
Input LVTTL
Clock
tPD = 0.56 ns
tPD = 0.49 ns
tDP = 1.34 ns
tPD = 0.87 ns
tDP = 2.64 ns (Advanced I/O Banks)
tPD = 0.47 ns
tDP = 3.66 ns (Advanced I/O Banks)
tPD = 0.47 ns
tDP = 3.97 ns (Advanced I/O Banks)
tPD = 0.47 ns
tPY = 0.76 ns
(Advanced I/O Banks)
tCLKQ = 0.55 ns
tOCLKQ = 0.59 ns
tSUD = 0.43 ns
tOSUD = 0.31 ns
tDP = 2.64 ns
(Advanced I/O Banks)
tPY = 0.76 ns (Advanced I/O Banks)
tPY = 1.20 ns
tCLKQ = 0.55 ns
tSUD = 0.43 ns
tPY = 0.76 ns
(Advanced I/O Banks)
tICLKQ = 0.24 ns
tISUD = 0.26 ns
tPY = 1.05 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com