Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO137RSB2 Datasheet(PDF) 62 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 62 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 58Page - Microsemi Corporation IO137RSB2 Datasheet HTML 59Page - Microsemi Corporation IO137RSB2 Datasheet HTML 60Page - Microsemi Corporation IO137RSB2 Datasheet HTML 61Page - Microsemi Corporation IO137RSB2 Datasheet HTML 62Page - Microsemi Corporation IO137RSB2 Datasheet HTML 63Page - Microsemi Corporation IO137RSB2 Datasheet HTML 64Page - Microsemi Corporation IO137RSB2 Datasheet HTML 65Page - Microsemi Corporation IO137RSB2 Datasheet HTML 66Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 57
Table 2-73 • 1.8 V LVCMOS Low Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.7 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.66
14.80
0.04
1.20
0.43
13.49
14.80
2.25
1.46
15.73
17.04
ns
–1
0.56
12.59
0.04
1.02
0.36
11.48
12.59
1.91
1.25
13.38
14.49
ns
–2
0.49
11.05
0.03
0.90
0.32
10.08
11.05
1.68
1.09
11.75
12.72
ns
4 mA
Std.
0.66
9.90
0.04
1.20
0.43
9.73
9.90
2.65
2.50
11.97
12.13
ns
–1
0.56
8.42
0.04
1.02
0.36
8.28
8.42
2.26
2.12
10.18
10.32
ns
–2
0.49
7.39
0.03
0.90
0.32
7.27
7.39
1.98
1.86
8.94
9.06
ns
6 mA
Std.
0.66
7.44
0.04
1.20
0.43
7.58
7.32
2.94
2.99
9.81
9.56
ns
–1
0.56
6.33
0.04
1.02
0.36
6.44
6.23
2.50
2.54
8.35
8.13
ns
–2
0.49
5.55
0.03
0.90
0.32
5.66
5.47
2.19
2.23
7.33
7.14
ns
8 mA
Std.
0.66
7.44
0.04
1.20
0.43
7.58
7.32
2.94
2.99
9.81
9.56
ns
–1
0.56
6.33
0.04
1.02
0.36
6.44
6.23
2.50
2.54
8.35
8.13
ns
–2
0.49
5.55
0.03
0.90
0.32
5.66
5.47
2.19
2.23
7.33
7.14
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
Table 2-74 • 1.8 V LVCMOS High Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.7 V
Applicable to Standard I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
Units
2 mA
Std.
0.66
11.21
0.04
1.20
0.43
8.53
11.21
1.99
1.21
ns
–1
0.56
9.54
0.04
1.02
0.36
7.26
9.54
1.69
1.03
ns
–2
0.49
8.37
0.03
0.90
0.32
6.37
8.37
1.49
0.90
ns
4 mA
Std.
0.66
6.34
0.04
1.20
0.43
5.38
6.34
2.41
2.48
ns
–1
0.56
5.40
0.04
1.02
0.36
4.58
5.40
2.05
2.11
ns
–2
0.49
4.74
0.03
0.90
0.32
4.02
4.74
1.80
1.85
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com