Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO137RSB2 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 3Page - Microsemi Corporation IO137RSB2 Datasheet HTML 4Page - Microsemi Corporation IO137RSB2 Datasheet HTML 5Page - Microsemi Corporation IO137RSB2 Datasheet HTML 6Page - Microsemi Corporation IO137RSB2 Datasheet HTML 7Page - Microsemi Corporation IO137RSB2 Datasheet HTML 8Page - Microsemi Corporation IO137RSB2 Datasheet HTML 9Page - Microsemi Corporation IO137RSB2 Datasheet HTML 10Page - Microsemi Corporation IO137RSB2 Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 2
Table 2-2 •
Recommended Operating Conditions 1
Symbol
Parameters 1
Commercial
Industrial
Units
TJ
Junction temperature
0 to 852
-40 to 1002
°C
VCC3
1.5 V DC core supply voltage
1.425 to 1.575
1.425 to 1.575
V
VJTAG
JTAG DC voltage
1.4 to 3.6
1.4 to 3.6
V
VPUMP
Programming voltage
Programming Mode
3.15 to 3.45
3.15 to 3.45
V
Operation 4
0 to 3.6
0 to 3.6
V
VCCPLL
Analog power supply (PLL)
1.425 to 1.575
1.425 to 1.575
V
VCCI and VMV 5 1.5 V DC supply voltage
1.425 to 1.575
1.425 to 1.575
V
1.8 V DC supply voltage
1.7 to 1.9
1.7 to 1.9
V
2.5 V DC supply voltage
2.3 to 2.7
2.3 to 2.7
V
3.3 V DC supply voltage
3.0 to 3.3
3.0 to 3.3
V
3.3 V wide range DC supply voltage 6
2.7 to 3.6
2.7 to 3.6
V
LVDS/B-LVDS/M-LVDS differential I/O
2.375 to 2.625
2.375 to 2.625
V
LVPECL differential I/O
3.0 to 3.6
3.0 to 3.6
V
Notes:
1. All parameters representing voltages are measured with respect to GND unless otherwise specified.
2. Software Default Junction Temperature Range in the Libero SoC software is set to 0°C to +70°C for commercial, and -
40°C to +85°C for industrial. To ensure targeted reliability standards are met across the full range of junction
temperatures, Microsemi recommends using custom settings for temperature range before running timing and power
analysis tools. For more information regarding custom settings, refer to the New Project Dialog Box in the Libero SoC
Online Help.
3. The ranges given here are for power supplies only. The recommended input voltage ranges specific to each I/O
standard are given in Table 2-18 on page 2-18.
4. VPUMP can be left floating during operation (not programming mode).
5. VMV and VCCI should be at the same voltage within a given I/O bank. VMV pins must be connected to the
corresponding VCCI pins. See the "VMVx I/O Supply Voltage (quiet)" section on page 3-1 for further information.
6. 3.3 V wide range is compliant to the JESD8-B specification and supports 3.0 V VCCI operation.
Table 2-3 •
Flash Programming Limits – Retention, Storage and Operating Temperature1
Product
Grade
Programming
Cycles
Program Retention
(biased/unbiased)
Maximum Storage
Temperature TSTG (°C)
2
Maximum Operating
Junction Temperature TJ (°C)
2
Commercial
500
20 years
110
100
Industrial
500
20 years
110
100
1.
This is a stress rating only; functional operation at any condition other than those indicated is not implied.
2.
These limits apply for program/data retention only. Refer to Table 2-1 on page 2-1 and Table 2-2 for device operating
conditions and absolute limits.
Table 2-4 •
Overshoot and Undershoot Limits 1
VCCI and VMV
Average VCCI–GND Overshoot or Undershoot
Duration as a Percentage of Clock Cycle2
Maximum Overshoot/
Undershoot2
2.7 V or less
10%
1.4 V
5%
1.49 V
3 V
10%
1.1 V
5%
1.19 V
3.3 V
10%
0.79 V
5%
0.88 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com