Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO137RSB2 Datasheet(PDF) 84 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 84 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 80Page - Microsemi Corporation IO137RSB2 Datasheet HTML 81Page - Microsemi Corporation IO137RSB2 Datasheet HTML 82Page - Microsemi Corporation IO137RSB2 Datasheet HTML 83Page - Microsemi Corporation IO137RSB2 Datasheet HTML 84Page - Microsemi Corporation IO137RSB2 Datasheet HTML 85Page - Microsemi Corporation IO137RSB2 Datasheet HTML 86Page - Microsemi Corporation IO137RSB2 Datasheet HTML 87Page - Microsemi Corporation IO137RSB2 Datasheet HTML 88Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 79
Timing Characteristics
Figure 2-22 • Output DDR Timing Diagram
11
6
1
7
2
8
3
910
45
28
3
9
tDDROREMCLR
tDDROHD1
tDDROREMCLR
tDDROHD2
tDDROSUD2
tDDROCLKQ
tDDRORECCLR
CLK
Data_R
Data_F
CLR
Out
tDDROCLR2Q
710
4
Table 2-104 • Output DDR Propagation Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
tDDROCLKQ
Clock-to-Out of DDR for Output DDR
0.70
0.80
0.94
ns
tDDROSUD1
Data_F Data Setup for Output DDR
0.38
0.43
0.51
ns
tDDROSUD2
Data_R Data Setup for Output DDR
0.38
0.43
0.51
ns
tDDROHD1
Data_F Data Hold for Output DDR
0.00
0.00
0.00
ns
tDDROHD2
Data_R Data Hold for Output DDR
0.00
0.00
0.00
ns
tDDROCLR2Q
Asynchronous Clear-to-Out for Output DDR
0.80
0.91
1.07
ns
tDDROREMCLR
Asynchronous Clear Removal Time for Output DDR
0.00
0.00
0.00
ns
tDDRORECCLR
Asynchronous Clear Recovery Time for Output DDR
0.22
0.25
0.30
ns
tDDROWCLR1
Asynchronous Clear Minimum Pulse Width for Output DDR
0.22
0.25
0.30
ns
tDDROCKMPWH
Clock Minimum Pulse Width High for the Output DDR
0.36
0.41
0.48
ns
tDDROCKMPWL
Clock Minimum Pulse Width Low for the Output DDR
0.32
0.37
0.43
ns
FDDOMAX
Maximum Frequency for the Output DDR
350
309
263
MHz
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com