Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO137RSB2 Datasheet(PDF) 90 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 90 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 86Page - Microsemi Corporation IO137RSB2 Datasheet HTML 87Page - Microsemi Corporation IO137RSB2 Datasheet HTML 88Page - Microsemi Corporation IO137RSB2 Datasheet HTML 89Page - Microsemi Corporation IO137RSB2 Datasheet HTML 90Page - Microsemi Corporation IO137RSB2 Datasheet HTML 91Page - Microsemi Corporation IO137RSB2 Datasheet HTML 92Page - Microsemi Corporation IO137RSB2 Datasheet HTML 93Page - Microsemi Corporation IO137RSB2 Datasheet HTML 94Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 85
Timing Characteristics
Table 2-107 • A3P015 Global Resource
Commercial-Case Conditions: TJ = 70°C, VCC = 1.425 V
Parameter Description
–2
–1
Std.
Units
Min.1 Max.2 Min.1 Max.2 Min.1 Max.2
tRCKL
Input Low Delay for Global Clock
0.66
0.81
0.75
0.92
0.88
1.08
ns
tRCKH
Input High Delay for Global Clock
0.67
0.84
0.76
0.96
0.89
1.13
ns
tRCKMPWH
Minimum Pulse Width High for Global Clock
0.75
0.85
1.00
ns
tRCKMPWL
Minimum Pulse Width Low for Global Clock
0.85
0.96
1.13
ns
tRCKSW
Maximum Skew for Global Clock
0.18
0.21
0.25
ns
Notes:
1. Value reflects minimum load. The delay is measured from the CCC output to the clock pin of a sequential element,
located in a lightly loaded row (single element is connected to the global net).
2. Value reflects maximum load. The delay is measured on the clock pin of the farthest sequential element, located in a fully
loaded row (all available flip-flops are connected to the global net in the row).
3. For specific junction temperature and voltage-supply levels, refer to Table 2-6 on page 2-6 for derating values.
Table 2-108 • A3P030 Global Resource
Commercial-Case Conditions: TJ = 70°C, VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
Min.1 Max.2 Min.1 Max.2 Min.1 Max.2
tRCKL
Input Low Delay for Global Clock
0.67
0.81
0.76
0.92
0.89
1.09
ns
tRCKH
Input High Delay for Global Clock
0.68
0.85
0.77
0.97
0.91
1.14
ns
tRCKMPWH
Minimum Pulse Width High for Global Clock
0.75
0.85
1.00
ns
tRCKMPWL
Minimum Pulse Width Low for Global Clock
0.85
0.96
1.13
ns
tRCKSW
Maximum Skew for Global Clock
0.18
0.21
0.24
ns
Notes:
1. Value reflects minimum load. The delay is measured from the CCC output to the clock pin of a sequential element,
located in a lightly loaded row (single element is connected to the global net).
2. Value reflects maximum load. The delay is measured on the clock pin of the farthest sequential element, located in a fully
loaded row (all available flip-flops are connected to the global net in the row).
3. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com