Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO137RSB2 Datasheet(PDF) 14 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 14 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 10Page - Microsemi Corporation IO137RSB2 Datasheet HTML 11Page - Microsemi Corporation IO137RSB2 Datasheet HTML 12Page - Microsemi Corporation IO137RSB2 Datasheet HTML 13Page - Microsemi Corporation IO137RSB2 Datasheet HTML 14Page - Microsemi Corporation IO137RSB2 Datasheet HTML 15Page - Microsemi Corporation IO137RSB2 Datasheet HTML 16Page - Microsemi Corporation IO137RSB2 Datasheet HTML 17Page - Microsemi Corporation IO137RSB2 Datasheet HTML 18Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 9
Table 2-13 • Summary of I/O Output Buffer Power (Per Pin) – Default I/O Software Settings 1
Applicable to Standard I/O Banks
CLOAD (pF)
VCCI (V)
Static Power
PDC3 (mW) 2
Dynamic Power
PAC10 (µW/MHz) 3
Single-Ended
3.3 V LVTTL / 3.3 V LVCMOS
35
3.3
–
431.08
3.3 V LVCMOS Wide Range4
35
3.3
–
431.08
2.5 V LVCMOS
35
2.5
–
247.36
1.8 V LVCMOS
35
1.8
–
128.46
1.5 V LVCMOS (JESD8-11)
35
1.5
–
89.46
Notes:
1. Dynamic power consumption is given for standard load and software default drive strength and output slew.
2. PDC3 is the static power (where applicable) measured on VCCI.
3. PAC10 is the total dynamic power measured on VCC and VCCI.
4. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD8-B specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com