Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO137RSB2 Datasheet(PDF) 65 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 65 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 61Page - Microsemi Corporation IO137RSB2 Datasheet HTML 62Page - Microsemi Corporation IO137RSB2 Datasheet HTML 63Page - Microsemi Corporation IO137RSB2 Datasheet HTML 64Page - Microsemi Corporation IO137RSB2 Datasheet HTML 65Page - Microsemi Corporation IO137RSB2 Datasheet HTML 66Page - Microsemi Corporation IO137RSB2 Datasheet HTML 67Page - Microsemi Corporation IO137RSB2 Datasheet HTML 68Page - Microsemi Corporation IO137RSB2 Datasheet HTML 69Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 60
Timing Characteristics
Table 2-80 • 1.5 V LVCMOS High Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.4 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.66
8.36
0.04
1.44
0.43
6.82
8.36
3.39
2.77
9.06
10.60
ns
–1
0.56
7.11
0.04
1.22
0.36
5.80
7.11
2.88
2.35
7.71
9.02
ns
–2
0.49
6.24
0.03
1.07
0.32
5.10
6.24
2.53
2.06
6.76
7.91
ns
4 mA
Std.
0.66
5.31
0.04
1.44
0.43
4.85
5.31
3.74
3.40
7.09
7.55
ns
–1
0.56
4.52
0.04
1.22
0.36
4.13
4.52
3.18
2.89
6.03
6.42
ns
–2
0.49
3.97
0.03
1.07
0.32
3.62
3.97
2.79
2.54
5.29
5.64
ns
6 mA
Std.
0.66
4.67
0.04
1.44
0.43
4.55
4.67
3.82
3.56
6.78
6.90
ns
–1
0.56
3.97
0.04
1.22
0.36
3.87
3.97
3.25
3.03
5.77
5.87
ns
–2
0.49
3.49
0.03
1.07
0.32
3.40
3.49
2.85
2.66
5.07
5.16
ns
8 mA
Std.
0.66
4.08
0.04
1.44
0.43
4.15
3.58
3.94
4.20
6.39
5.81
ns
–1
0.56
3.47
0.04
1.22
0.36
3.53
3.04
3.36
3.58
5.44
4.95
ns
–2
0.49
3.05
0.03
1.07
0.32
3.10
2.67
2.95
3.14
4.77
4.34
ns
12 mA
Std.
0.66
4.08
0.04
1.44
0.43
4.15
3.58
3.94
4.20
6.39
5.81
ns
–1
0.56
3.47
0.04
1.22
0.36
3.53
3.04
3.36
3.58
5.44
4.95
ns
–2
0.49
3.05
0.03
1.07
0.32
3.10
2.67
2.95
3.14
4.77
4.34
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com