Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO137RSB2 Datasheet(PDF) 11 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 7Page - Microsemi Corporation IO137RSB2 Datasheet HTML 8Page - Microsemi Corporation IO137RSB2 Datasheet HTML 9Page - Microsemi Corporation IO137RSB2 Datasheet HTML 10Page - Microsemi Corporation IO137RSB2 Datasheet HTML 11Page - Microsemi Corporation IO137RSB2 Datasheet HTML 12Page - Microsemi Corporation IO137RSB2 Datasheet HTML 13Page - Microsemi Corporation IO137RSB2 Datasheet HTML 14Page - Microsemi Corporation IO137RSB2 Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 6
Temperature and Voltage Derating Factors
Calculating Power Dissipation
Quiescent Supply Current
Power per I/O Pin
Table 2-6 •
Temperature and Voltage Derating Factors for Timing Delays
(normalized to TJ = 70°C, VCC = 1.425 V)
Array Voltage VCC
(V)
Junction Temperature (°C)
–40°C
0°C
25°C
70°C
85°C
100°C
1.425
0.88
0.93
0.95
1.00
1.02
1.04
1.500
0.83
0.88
0.90
0.95
0.96
0.98
1.575
0.80
0.84
0.87
0.91
0.93
0.94
Table 2-7 •
Quiescent Supply Current Characteristics
A3P015 A3P030 A3P060 A3P125 A3P250 A3P400 A3P600 A3P1000
Typical (25°C)
2 mA
2 mA
2 mA
2 mA
3 mA
3 mA
5 mA
8 mA
Max. (Commercial)
10 mA
10 mA
10 mA
10 mA
20 mA
20 mA
30 mA
50 mA
Max. (Industrial)
15 mA
15 mA
15 mA
15 mA
30 mA
30 mA
45 mA
75 mA
Note:
IDD Includes VCC, VPUMP, VCCI, and VMV currents. Values do not include I/O static
contribution, which is shown in Table 2-11 and Table 2-12 on page 2-8.
Table 2-8 •
Summary of I/O Input Buffer Power (Per Pin) – Default I/O Software Settings
Applicable to Advanced I/O Banks
VMV (V)
Static Power
PDC2 (mW)
1
Dynamic Power
PAC9 (µW/MHz) 2
Single-Ended
3.3 V LVTTL / 3.3 V LVCMOS
3.3
–
16.22
3.3 V LVCMOS Wide Range3
3.3
–
16.22
2.5 V LVCMOS
2.5
–
5.12
1.8 V LVCMOS
1.8
–
2.13
1.5 V LVCMOS (JESD8-11)
1.5
–
1.45
3.3 V PCI
3.3
–
18.11
3.3 V PCI-X
3.3
–
18.11
Differential
LVDS
2.5
2.26
1.20
LVPECL
3.3
5.72
1.87
Notes:
1. PDC2 is the static power (where applicable) measured on VMV.
2. PAC9 is the total dynamic power measured on VCC and VMV.
3. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD8-B
specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com