Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RB2 Datasheet(PDF) 66 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 66 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 62Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 63Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 64Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 65Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 66Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 67Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 68Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 69Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 254 page
background image
66
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
10. External Interrupts
The INT0 (P3.2) and INT1 (P3.3) pins of the AT89LP51RB2/RC2/IC2 may be used as external
interrupt sources. The external interrupts can be programmed to be level-activated or transition-
activated by setting or clearing bit IT1 or IT0 in Register TCON. If ITx = 0, external interrupt x is
triggered by a detected low at the INTx pin. If ITx = 1, external interrupt x is edge-triggered. In
this mode if successive samples of the INTx pin show a high in one cycle and a low in the next
cycle, interrupt request flag IEx in TCON is set. Flag bit IEx then requests the interrupt.
Since the external interrupt pins are sampled once each clock cycle, an input high or low should
hold for at least 2 system periods to ensure sampling. If the external interrupt is transition-acti-
vated, the external source has to hold the request pin high for at least two clock cycles, and then
hold it low for at least two clock cycles to ensure that the transition is seen so that interrupt
request flag IEx will be set. IEx will be automatically cleared by the CPU when the service rou-
tine is called if generated in edge-triggered mode. If the external interrupt is level-activated, the
external source has to hold the request active until the requested interrupt is actually generated.
Then the external source must deactivate the request before the interrupt service routine is com-
pleted, or else another interrupt will be generated. Both INT0 and INT1 may wake up the device
from the Power-down state.
Other peripheral pins can also generate interrupts in response to an external event:
• A negative edge on the T2EX pin (P1.1) can set the EXF2 flag in T2CON
•Transitions on the PCA capture inputs CEX0–CEX4 (P1.3–7) can set the CCFx bits in CCON
•Transitions or levels on Port 1 can set the bits in KBF using the keyboard interface (see next
section).
11. Keyboard Interface and General-purpose Interrupts
The AT89LP51RB2/RC2/IC2 implements a keyboard interface allowing the connection of a 1xn
to 8 x n matrix keyboard. The keyboard function provides 8 configurable external interrupts on
Port 1. Each port pin can detect high/low levels or positive/negative edges. The keyboard inputs
are considered as 8 independent interrupt sources sharing the same interrupt vector. The KBE
register selects which bits of Port 1 are enabled to generate an interrupt. The KBMOD and KBLS
registers determine the mode for each individual pin. KBMOD selects between level-sensitive
and edge-triggered mode. KBLS selects between high/low in level mode and positive/negative in
edge mode. A block diagram is shown in Figure 11-1.
The pins of Port 1 are sampled every clock cycle. In level-sensitive mode, a valid level must
appear in two successive samples before generating the interrupt. In edge-triggered mode, a
transition will be detected if the value changes from one sample to the next. When an interrupt
condition on a pin is detected, and that pin is enabled, the appropriate flag in the KBF register is
set. The flags in KBF must be cleared by software. Any enabled keyboard interrupt may wake up
the device from the Idle or Power-down state.
Unlike AT89C51RB2/RC2/IC2 the flags in KBF are not cleared by reading the register. The soft-
ware may clear each bit individually or all at once. This allows the interface to be used for
general purpose external interrupts where some flags can be left pending between calls to the
service routine. Each flag can also be made pending by software by writing a one to it. To
achieve the same behavior as AT89C51RB2/RC2/IC2, the service routine must clear the entire
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com