Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RB2 Datasheet(PDF) 92 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 88Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 89Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 90Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 91Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 92Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 93Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 94Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 95Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 254 page
background image
92
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Figure 14-3. Timer 2 Waveform: Auto-Reload Mode (DCEN = 0)
14.3.2
Up or Down Counter
Setting DCEN = 1 enables Timer 2 to count up or down, as shown in Figure 14-5. In this mode,
the T2EX pin controls the direction of the count (if EXEN2 = 1). A logic 1 at T2EX makes Timer 2
count up. When T2CM
1-0 = 00B, the timer will overflow at MAX and set the TF2 bit. This overflow
also causes BOTTOM, the 16-bit value in RCAP2H and RCAP2L, to be reloaded into the timer
registers, TH2 and TL2, respectively. A logic 0 at T2EX makes Timer 2 count down. The timer
underflows when TH2 and TL2 equal BOTTOM, the 16-bit value stored in RCAP2H and
RCAP2L. The underflow sets the TF2 bit and causes MAX to be reloaded into the timer regis-
ters. The EXF2 bit toggles whenever Timer 2 overflows or underflows and can be used as a 17th
bit of resolution. In this operating mode, EXF2 does not flag an interrupt.
The behavior of Timer 2 when DCEN is enabled is shown in Figure 14-4. The timer over-
flow/underflow rate for up-down counting mode is the same as for up counting mode, provided
that the count direction does not change. Changes to the count direction may result in longer or
shorter periods between time-outs.
Figure 14-4. Timer 2 Waveform: Auto-Reload Mode (DCEN = 1)
MAX
MIN
BOTTOM
TF2 Set
MAX
MIN
BOTTOM
T2EX
TF2 Set
EXF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com