Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RB2 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 21Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 22Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 23Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 24Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 25Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 26Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 27Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 28Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 254 page
background image
25
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Note:
1. Present on AT89LP51IC2 Only
Table 4-2.
C51 Core SFRs
Mnemonic
Add
Name
765432
10
ACC
E0h
Accumulator
B
F0h
B Register
PSW
D0h
Program Status Word
CY
AC
F0
RS1RS0OV
F1
P
SP
81h
Stack Pointer
SPX
EFh
Extended Stack Pointer
––––
SP11
SP10
SP9
SP8
DPL
82h
Data Pointer Low Byte
DPH
83h
Data Pointer High Byte
DPLB
D4h
Alternate Data Pointer Low Byte
DPHB
D5h
Alternate Data Pointer High Byte
PAGE
F6h
ERAM Page Register
––––
Table 4-3.
Digital Signal Processing SFRs
Mnemonic
Add
Name
765432
10
AX
E1h
Extended Accumulator
BX
F7h
Extended B Register
DSPR
E2h
DSP Control Register
MRW1
MRW0
SMLB
SMLA
CBE1
CBE0
MVCD
DPRB
FIRD
E3h
FIFO Depth
MACL
E4h
MAC Low Byte
MACH
E5h
MAC High Byte
Table 4-4.
System Management SFRs
Mnemonic
Add
Name
765432
10
PCON
87h
Power Control
SMOD1
SMOD0
PWDEX
POF
GF1
GF0
PD
IDL
AUXR
8Eh
Auxiliary Register 0
DPU
WS1WS0/M0
XRS2XRS1XRS0
EXTRAM
AO
AUXR1
A2h
Auxiliary Register 1
–
–
ENBOOT
XSTK
GF3
0
–
DPS
DPCF
A1h
Datapointer Config Register
DPU1
DPU0
DPD1
DPD0
–
–
–
–
CKRL
97h
Clock Reload Register
CKCKON0
8Fh
Clock Control Register 0
TWIX2
WDTX2
PCAX2
SIX2
T2X2
T1X2
T0X2
X2
CKCKON1
AFh
Clock Control Register 1
––––––
–
SPIX2
CKSEL
(1)
85h
Clock Selection Register
––––––
–
CKS
CLKREG
AEh
Clock Register
TPS3TPS2TPS1TPS0–
–
–
–
OSCCON
(1)
85h
Oscillator Control Register
–––––
SCLKT0
OscBEn
OscAEn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com