Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RB2 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 14Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 15Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 16Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 17Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 18Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 19Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 20Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 21Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 254 page
background image
18
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
3.3.2
External Data Memory Interface
The AT89LP51RB2/RC2/IC2 uses the standard 8051 external data memory interface with the
upper address on Port 2, the lower address and data in/out multiplexed on Port 0, and the ALE,
RD and WR strobes. The interface may be used in two different configurations depending on
which type of MOVX instruction is used to access XDATA.
Figure 3-7 shows a hardware configuration for accessing up to 64K bytes of external RAM using
a 16-bit linear address. Port 0 serves as a multiplexed address/data bus to the RAM. The
Address Latch Enable strobe (ALE) is used to latch the lower address byte into an external reg-
ister so that Port 0 can be freed for data input/output. Port 2 provides the upper address byte
throughout the operation. The MOVX @DPTR instructions use Linear Address mode.
Figure 3-7.
External Data Memory 16-bit Linear Address Mode
Figure 3-8 shows a hardware configuration for accessing 256-byte blocks of external RAM using
an 8-bit paged address. Port 0 serves as a multiplexed address/data bus to the RAM. The ALE
strobe is used to latch the address byte into an external register so that Port 0 can be freed for
data input/output. The Port 2 I/O lines (or other ports) can provide control lines to page the mem-
ory; however, this operation is not handled automatically by hardware. The software application
must change the Port 2 register when appropriate to access different pages. The MOVX @Ri
instructions use Paged Address mode.
Figure 3-8.
External Data Memory 8-bit Paged Address Mode
Note that prior to using the external memory interface, WR (P3.6) and RD (P3.7) must be config-
ured as outputs. See Section 12.1 “Port Configuration” on page 69. P0 and P2 are configured
automatically to push-pull output mode when outputting address or data and P0 is automatically
tristated when inputting data regardless of the port configuration. The Port 0 configuration will
determine the idle state of Port 0 when not accessing the external memory.
P1
P0
ALE
P2
RD
P3
WR
AT89LP
DATA
LATCH
EXTERNAL
DATA
MEMORY
WE
ADDR
OE
P1
P0
I/O
ALE
P2
RD
P3
WR
AT89LP
DATA
LATCH
EXTERNAL
DATA
MEMORY
WE
ADDR
PAGE
BITS
OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com