Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RB2 Datasheet(PDF) 69 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 65Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 66Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 67Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 68Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 69Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 70Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 71Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 72Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 254 page
background image
69
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
12. I/O Ports
The AT89LP51RB2/RC2/IC2 can be configured for between 36 and 40 I/O pins. The exact num-
ber of general I/O pins available depends on the clock and external memory configuration as
shown in Table 12-1.
Note:
On AT89LP51IC2 OSCB requires 0, 1 or 2 I/O pins depending on the Clock Source B setting. Dis-
abling OSCB (OscbEn = 0) frees up the OSCB pins for general use. Disabling OSCA
(OscAEn = 0) does NOT free up the OSCA pins. OSCA must be configured for Internal RC mode
to use these pins even when running from OSCB only.
12.1
Port Configuration
All port pins on the AT89LP51RB2/RC2/IC2 may be configured in one of four modes: quasi-bidi-
rectional (standard 8051 port outputs), push-pull output, open-drain output, or input-only. Port
modes may be assigned in software on a pin-by-pin basis as shown in Table 12-2 using the reg-
isters listed in Table 12-3. The Tristate-Port User Fuse (See Section 24.2 on page 188)
determines the default state of the port pins. When the fuse is enabled, all port pins on P1, P2
and P3 default to input-only mode after reset. When the fuse is disabled, all port pins on P1, P2
and P3 default to quasi-bidirectional mode after reset and are weakly pulled high. P0 always
defaults to open-drain mode. P4.4–5 always default to quasi-bidirectional mode. P4.0–1 always
default to open-drain. The other pins of P4 obey the fuse.
Each port pin also has a Schmitt-triggered input for improved input noise rejection. During
Power-down all the Schmitt-triggered inputs are disabled with the exception of P3.2 (INT0), P3.3
(INT1), RST, P4.6 (XTAL1) and P4.7 (XTAL2). Therefore, P3.2, P3.3, P4.6 and P4.7 should not
be left floating during Power-down. n addition any pin of Port 1 configured as a keyboard inter-
rupt input will also remain active during Power-down to wake-up the device. These interrupt pins
should either be disabled before entering Power-down or they should not be left floating.
Table 12-1.
AT89LP51RB2/RC2 I/O Pin Configurations
Clock Source A
External Program Access
External Data Access
Number of I/O
Pins
External Crystal or
Resonator
Yes (PSEN+ALE+P0+P2)
Yes (RD+WR)
18
No
20
No
8-bit (ALE+RD+WR+P0)
27
16-bit (ALE+RD+WR+P0)
19
No
38
External Clock
Yes (PSEN+ALE+P0+P2)
Yes (RD+WR)
19
No
21
No
8-bit (ALE+RD+WR+P0)
28
16-bit (ALE+RD+WR+P0+P2)
20
No
39
Internal RC
Oscillator
Yes (PSEN+ALE+P0+P2)
Yes (RD+WR)
20
No
22
No
8-bit (ALE+RD+WR+P0)
29
16-bit (ALE+RD+WR+P0+P2)
21
No
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com