Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RB2 Datasheet(PDF) 83 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 83 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 79Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 80Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 81Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 82Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 83Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 84Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 85Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 86Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 87Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 254 page
background image
83
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Figure 13-4. Timer/Counter 0 Mode 3: Two 8-bit Counters
13.6
Pulse Width Modulation
On the AT89LP51RB2/RC2/IC2, Timer 0 and Timer 1 may be independently configured as 8-bit
asymmetrical (edge-aligned) pulse width modulators (PWM) by setting the PWM0EN or
PWM1EN bits in TCONB, respectively. In PWM Mode the generated waveform is output on the
timer's input pin, T0 or T1. Therefore, C/Tx must be set to “0” when in PWM mode and the T0
(P3.4) and T1 (P3.5) must be configured in an output mode. The Timer Overflow Flags and
Interrupts will continue to function while in PWM Mode and Timer 1 may still generate the baud
rate for the UART. The timer GATE function also works in PWM mode, allowing the output to be
halted by an external input. Each PWM channel has four modes selected by the mode bits in
TMOD.
An example waveform for Timer 0 in PWM Mode 0 is shown in Figure 13-5. TH0 acts as an 8-bit
counter while RH0 stores the 8-bit compare value. When TH0 is 00H the PWM output is
set high. When the TH0 count reaches the value stored in RH0 the PWM output is set low.
Therefore, the pulse width is proportional to the value in RH0. To prevent glitches, writes to
RH0 only take effect on the FFH to 00H overflow of TH0. Setting RH0 to 00H will keep the PWM
output low.
Figure 13-5. 8-bit Asymmetrical Pulse Width Modulation
Control
Interrupt
Control
Interrupt
(8 Bits)
(8 Bits)
C/T = 0
C/T =1
T0 Pin
GATE0
INT0 Pin
÷TPS
÷TPS
CLKSYS
CLKSYS
FFH
00H
RH0
(P3.4)T0
TF0 Set
TH0
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com