Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RB2 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 15Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 16Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 17Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 18Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 19Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 20Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 21Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 22Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 254 page
background image
19
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Figure 3-9 and Figure 3-10 show examples of external data memory write and read cycles,
respectively. The address on P0 and P2 is stable at the falling edge of ALE. The idle state of
ALE is controlled by DISALE (AUXR.0). When DISALE = 0 the ALE toggles at a constant rate
when not accessing external memory. When DISALE = 1 the ALE is weakly pulled high. DISALE
must be one in order to use P4.4 as a general-purpose I/O. The WS bits in AUXR can extended
the RD and WR strobes by 1, 2 or 3 cycles as shown in Figures 3-13, 3-14 and 3-15. If a longer
strobe is required, the application can scale the system clock with the clock divider to meet the
requirements (See Section 6.8 on page 47).
Notes:
1. WS1 is only available in Fast mode. WS1 is forced to 0 in Compatibility mode.
Table 3-2.
AUXR
– Auxiliary Control Register
AUXR = 8EH
Reset Value = 0000 10X0B
Not Bit Addressable
DPU
WS1(1)
WS0XRS2XRS1XRS0
EXTRAM
AO
Bit
7
6
543
21
0
Symbol
Function
DPU
Disable Weak Pull-up. When DPU = 0 all I/O ports in quasi-bidirectional mode have their weak pull-up enabled. When
DPU = 1 all I/O ports in quasi-bidirectional mode have their weak pull-up disabled to reduce power consumption.
WS1-0
Wait State Select. Determines the number of wait states inserted into external memory accesses.
WS1
WS0
Wait States
RD / WR Strobe Width
ALE to RD / WR Setup
000
1 x t
CYC (Fast);
3 x t
CYC (Compatibility)
1 x t
CYC (Fast); 1.5 x tCYC (Compatibility)
011
2 x t
CYC (Fast); 15 x tCYC (Compatibility)
1 x t
CYC (Fast); 1.5 x tCYC (Compatibility)
102
2 x t
CYC (Fast)
2 x t
CYC (Fast)
113
3 x t
CYC (Fast)
2 x t
CYC (Fast)
XRS
2-0
XRAM Size. Selects the size of the on-chip extra RAM (EDATA)
XRS2
XRS1
XRS0
EDATA Size (bytes)
Address Range
0
0
0
256
0000H–00FFH
0
0
1
512
0000H–01FFH
010
768 (default)
0000H–02FFH
0
1
1
1024
0000H–03FFH
1
0
0
1152
0000H–047FH
101
Reserved
11–
Reserved
EXTRAM
External RAM Enable. When EXTRAM = 0, MOVX instructions can access the internally mapped portions of the
address space (Extra RAM). Accesses to addresses above internally mapped memory will access external memory. Set
EXTRAM = 1 to bypass the internal memory and map the entire 64KB address space to external memory. The default
state of EXTRAM is set by a user configuration fuse. See Section 24.2 on page 188.
DISALE
ALE Output. When AO = 0 the ALE pulse is active at 1/3 of the system clock frequency in Compatibility mode and 1/2 of
the system clock frequency in Fast mode. When AO = 1 the ALE is inactive (high) unless an external memory access
occurs. AO must be set to use P4.4 as a general I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com