Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RB2 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 2Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 3Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 4Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 5Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 6Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 7Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 8Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 9Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 254 page
background image
6
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Note:
1. The AT89LP51IC2 is not available in the PDIP package
2.
Overview
The Atmel
® AT89LP51RB2/RC2/IC2 is a low-power, high-performance CMOS 8-bit 8051 micro-
controller with 24/32 KB of In-System Programmable Flash program memory. The devices are
manufactured using Atmel's high-density nonvolatile memory technology and are compatible
with the industry-standard 80C51 instruction set.
The AT89LP51RB2/RC2/IC2 is built around an enhanced CPU core that can fetch a single byte
from memory every clock cycle. In the classic 8051 architecture, each fetch requires 6 clock
cycles, f o rcing i n str u ctions t o exec u te in 12 , 2 4 or 4 8 c l ock cycles. In the
AT89LP51RB2/RC2/IC2 CPU, standard instructions need only one to four clock cycles providing
six to twelve times more throughput than the standard 8051. Seventy percent of instructions
need only as many clock cycles as they have bytes to execute, and most of the remaining
instructions require only one additional clock. The enhanced CPU core is capable of 20 MIPS
throughput whereas the classic 8051 CPU can deliver only 4 MIPS at the same current con-
sumption. Conversely, at the same throughput as the classic 8051, the new CPU core runs at a
much lower speed and thereby greatly reducing power consumption and EMI. The
35
41
37
P0.2
I/O
I/O
I
P0.2: User-configurable I/O Port 0 bit 2.
AD2: External memory interface Address/Data bit 2.
ADC2: ADC analog input 2.
36
42
38
P0.1
I/O
I/O
I
P0.1: User-configurable I/O Port 0 bit 1.
AD1: External memory interface Address/Data bit 1.
ADC1: ADC analog input 1.
37
43
39
P0.0
I/O
I/O
I
P0.0: User-configurable I/O Port 0 bit 0.
AD0: External memory interface Address/Data bit 0.
ADC0: ADC analog input 0.
38
44
40
VDD
I
Supply Voltage
39
1
P4.2
I/O
P4.2: User-configurable I/O Port 4bit 2.
XTAL2B: Output from low-frequency inverting oscillator amplifier B (AT89LP51IC2 only). It may
be used as a port pin if the internal RC oscillator or external clock is selected as the clock source
B.
40
2
1
P1.0
I/O
I/O
P1.0: User-configurable I/O Port 1 bit 0.
T2: Timer 2 External Input or Clock Output.
XTAL1B: Input to the low-frequency inverting oscillator amplifier B and internal clock generation
circuits. It may be used as a port pin if the internal RC oscillator is selected as the clock source
B.
41
3
2
P1.1
I/O
I
I
P1.1: User-configurable I/O Port 1 bit 1.
T2EX: Timer 2 External Capture/Reload Input.
SS: SPI Slave-Select.
42
4
3
P1.2
I/O
P1.2: User-configurable I/O Port 1 bit 2.
43
5
4
P1.3
I/O
I/O
P1.3: User-configurable I/O Port 1 bit 3.
CEX0: Capture/Compare external I/O for PCA module 0.
44
6
5
P1.4
I/O
I
I/O
P1.4: User-configurable I/O Port 1 bit 4.
SS: SPI Slave-Select (Remap Mode). This pin is an input for In-System Programming
CEX1: Capture/Compare external I/O for PCA module 1.
Table 1-1.
Atmel AT89LP51RB2/RC2/IC2 Pin Description
Pin Number
Symbol
Type
Description
VQFP
VQFN
PLCC
(1)
PDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com