Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RB2 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 10Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 11Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 12Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 13Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 14Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 15Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 16Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 17Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 254 page
background image
14
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Figure 3-1.
Program Memory Map
3.1.1
External Program Memory
The AT89LP51RB2/RC2/IC2 implements 24/32/32 KB of the program memory space internally.
The AT89LP51RB2/RC2/IC2 does not support forcing external execution using the EA pin; how-
ever it does allow for up to 40/32/32 KB of external program memory to be mapped into the
upper portions of the address space. For AT89LP51RB2 addresses 6000H–FFFFH are mapped
to external program memory. For AT89LP51RC2/IC2 addresses 8000H–FFFFH are mapped to
external program memory.
The AT89LP51RB2/RC2/IC2 uses the standard 8051 external program memory interface with
the upper address on Port 2, the lower address and data in/out multiplexed on Port 0, and the
ALE and PSEN strobes. Program memory addresses are always 16-bits wide. External program
execution sacrifices two full 8-bit ports, P0 and P2, to the function of addressing the program
memory.
Figure 3-2 shows a hardware configuration for accessing up to 64K bytes of external ROM using
a 16-bit linear address. Port 0 serves as a multiplexed address/data bus to the ROM. The
Address Latch Enable strobe (ALE) is used to latch the lower address byte into an external reg-
ister so that Port 0 can be freed for data input/output. Port 2 provides the upper address byte
throughout the operation. PSEN strobes the external memory.
Figure 3-3 shows the timing of the external program memory interface. ALE is emitted at a con-
stant rate of 1/3 of the system clock with a 1/3 duty cycle. PSEN is emitted at a similar rate, but
with 50% duty cycle. The new address changes in the middle of the ALE pulse for latching on
the falling edge and is tristated at the falling edge of PSEN. The instruction data is sampled from
P0 and latched internally during the high phase of the clock prior to the rising edge of PSEN.
This timing applies to both Compatibility and Fast modes. In Compatibility mode there is no dif-
ference in instruction timing between internal and external execution.
0000
FFFF
0000
007F
User Signature Array
0100
01FF
Atmel Signature Array
SIGEN=0
SIGEN=1
8000
7FFF
External Program
Memory
(XCODE: 30KB)
Internal Program
Memory
(CODE: 32KB)
0000
FFFF
0000
007F
User Signature Array
0100
01FF
Atmel Signature Array
AT89LP51RB2
ENBOOT = 1
F800
F7FF
Boot ROM
(BOOT: 2KB)
0000
FFFF
0000
007F
User Signature Array
0100
01FF
Atmel Signature Array
AT89LP51RB2
ENBOOT = 0
0000
FFFF
0000
007F
User Signature Array
0100
01FF
Atmel Signature Array
8000
7FFF
External Program
Memory
(XCODE: 32KB)
Internal Program
Memory
(CODE: 32KB)
AT89LP51RC2/IC2
ENBOOT = 1
AT89LP51RC2/IC2
ENBOOT = 0
F800
F7FF
Boot ROM
(BOOT: 2KB)
6000
5FFF
External Program
Memory
(XCODE: 40KB)
Internal Program
Memory
(CODE: 24KB)
6000
5FFF
External Program
Memory
(XCODE: 38KB)
Internal Program
Memory
(CODE: 24KB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com