Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RB2 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 28Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 29Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 30Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 31Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 32Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 33Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 34Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 35Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 254 page
background image
32
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
5.2
Compatibility Mode
Compatibility (12-Clock) mode is enabled by default from the factory or by setting the Compati-
bility User Fuse. In Compatibility mode instruction bytes are fetched every three system clock
cycles and the CPU operates with 6-state machine cycles and a divide-by-2 system clock for 12
oscillator periods per machine cycle. Standard instructions execute in1, 2 or 4 machine cycles.
Instr u ction timing in th is mode is com p a t i b l e wit h st a nd a rd 8 051 s s u ch a s t h e
AT89C51RB2/RC2/IC2. In Compatibility mode there is no difference in timing between instruc-
tions executed from internal versus external program memory.
Compatibility mode can be used to preserve the execution profiles of legacy applications. For a
summary of differences between Fast and Compatibility modes see Table 2-3 on page 12.
Examples of Compatibility mode instructions are shown in Figure 5-2.
Figure 5-2.
Instruction Execution Sequences in Compatibility Mode
5.3
Multiply–Accumulate Unit (MAC)
The AT89LP51RB2/RC2/IC2 includes a multiply and accumulate (MAC) unit that can signifi-
cantly speed up many mathematical operations required for digital signal processing. The MAC
unit includes a 16-by-16 bit multiplier and a 40-bit adder that can perform integer or fractional
multiply-accumulate operations on signed 16-bit input values. The MAC unit also includes a 1-bit
arithmetic shifter that will left or right shift the contents of the 40-bit MAC accumulator register
(M).
S1
S1
S2
S2
S3
S3
S4
S4
S5
S5
S6
S6
S1
S1
S2
S2
S3
S3
S4
S4
S5
S5
S6
S6
S1
S1
S2
S2
S3
S3
S4
S4
S5
S5
S6
S6
S1
S1
S2
S2
S3
S3
S4
S4
S5
S5
S6
S6
S1
S1
S2
S2
S3
S3
S4
S4
S5
S5
S6
S6
S1
S1
S2
S2
S3
S3
S4
S4
S5
S5
S6
S6
S1
S1
S2
S2
S3
S3
S4
S4
S5
S5
S6
S6
S1
S1
S2
S2
S3
S3
S4
S4
S5
S5
S6
S6
S1
S1
CLK
CLK
ALE
ALE
READ OPCODE
READ OPCODE
(A) 1-byte, 1-cycle instruction, e.g., INC A
A
(B) 2-byte, 1-cycle instruction, e.g., ADD A, #data
(B) 2-byte, 1-cycle instruction, e.g., ADD A, #data
(C) 1-byte, 2-cycle instruction, e.g., INC DPTR
(C) 1-byte, 2-cycle instruction, e.g., INC DPTR
(D) MOVX (1-byte, 2-cycle)
(D) MOVX (1-byte, 2-cycle)
READ NEXT
READ NEXT
OPCODE
OPCODE
(DISCARD)
(DISCARD)
READ NEXT OPCODE AGAIN
READ NEXT OPCODE AGAIN
READ OPCODE
READ OPCODE
READ 2ND
READ 2ND
BYTE
BYTE
READ NEXT OPCODE
READ NEXT OPCODE
READ OPCODE
READ OPCODE
READ NEXT
READ NEXT
OPCODE AGAIN
OPCODE AGAIN
READ
READ
OPCODE
OPCODE
(MOVX)
(MOVX)
NO
NO
ALE
ALE
READ NEXT
READ NEXT
OPCODE (DISCARD)
OPCODE (DISCARD)
READ NEXT
READ NEXT
OPCODE
OPCODE
AGAIN
AGAIN
NO
NO
FETCH
FETCH
DA
DATA
ACCESS EXTERNAL MEMOR
ACCESS EXTERNAL MEMORY
ADDR
ADDR
NO
NO
FETCH
FETCH
READ NEXT
READ NEXT
OPCODE (DISCARD)
OPCODE (DISCARD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com