Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RB2 Datasheet(PDF) 97 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 93Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 94Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 95Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 96Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 97Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 98Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 99Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 100Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 254 page
background image
97
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
• Bit CF: The CF bit (CCON.7) is set when the PCA counter overflows and an interrupt will be
generated if the ECF bit in the CMOD register is set. The CF bit can only be cleared by
software.
•Bits 0 through 4 are the flags for the modules (bit 0 for module 0, bit 1 for module 1, etc.) and
are set by hardware when either a match or a capture occurs. These flags also can only be
cleared by software. The PCA interrupt system is shown in Figure 15-2.
Table 15-3.
CCON – PCA Counter Control Register
CCON Address = 0D8H
Reset Value = 00x0 0000B
Bit Addressable
CF
CR
–
CCF4
CCF3
CCF2
CCF1
CCF0
Bit
7
654
321
0
Symbol
Function
CF
PCA Counter Overflow Flag
Set by hardware when the PCA counter overflows from FFFFH to 0000H. CF generates an interrupt if the ECF bit in
CMOD and EC bit in IEN0 are both set. Must be cleared by software.
CR
PCA Counter Run Control
Clear to disable the PCA Counter from operating. Set to enable the PCA Counter to count at the CPS rate in CMOD.
CCF4
PCA Module 4 Interrupt Flag
Set by hardware when a compare of match occurs in Module 4. CCF4 generates an interrupt if the ECCF4 bit in CCAPM4
and EC bit in IEN0 are both set. Must be cleared by software.
CCF3
PCA Module 3 Interrupt Flag
Set by hardware when a compare of match occurs in Module 2. CCF3 generates an interrupt if the ECCF3 bit in CCAPM3
and EC bit in IEN0 are both set. Must be cleared by software.
CCF2
PCA Module 2 Interrupt Flag
Set by hardware when a compare of match occurs in Module 2. CCF2 generates an interrupt if the ECCF2 bit in CCAPM2
and EC bit in IEN0 are both set. Must be cleared by software.
CCF1
PCA Module 1 Interrupt Flag
Set by hardware when a compare of match occurs in Module 1. CCF1 generates an interrupt if the ECCF1 bit in CCAPM1
and EC bit in IEN0 are both set. Must be cleared by software.
CCF0
PCA Module 0 Interrupt Flag
Set by hardware when a compare of match occurs in Module 0. CCF0 generates an interrupt if the ECCF0 bit in CCAPM0
and EC bit in IEN0 are both set. Must be cleared by software.
Table 15-4.
CH – PCA Counter Register High
CH Address = 0F9H
Reset Value = 0000 0000B
Not Bit Addressable
C15
C14
C13
C12
C11
C10
C9
C8
Bit
7
654
321
0
Symbol
Function
C15-8
Module n Compare/Capture Register High
Holds the higher order bits of the 16-bit PCA Timer/Counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com