Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RB2 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 37Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 38Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 39Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 40Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 41Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 42Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 43Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 44Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 254 page
background image
41
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
6.
System Clock
The AT89LP51RB2/RC2 has a single system clock that is generated directly from one of three
selectable clock sources: on-chip crystal oscillator A in high or low power operation, external
clock source on XTAL1A, and the internal 8 MHz RC oscillator. A diagram of the clock subsys-
tem is shown in Figure 6-1. The clock source is selected by the Clock Source A User Fuses as
shown in Table 6-1 (See “User Configuration Fuses” on page 188). In addition to this system
clock, the AT89LP51IC2 device adds a second system clock source that is selectable from on-
chip low frequency crystal oscillator B in, external clock source on XTAL1B, and the internal 8
MHz RC oscillator. A diagram of this clock subsystem is shown in Figure 6-2. Clock source B is
selected by the Clock Source B User Fuses as shown in Table 6-2. The choice of clock source
also affects the start-up time after a POR, BOD or Power-down event (See “Reset” on page 51
or “Power-down Mode” on page 56).
The AT 8 9LP51RB2/RC2/IC2 incl u de s a X1/X2 fe a t u re for comp a t i bility with
AT89C51RB2/RC2/IC2. This feature determines if the oscillator source is divided by two or not
to generate the system clock. The 8-bit system clock divider may be used to prescale the system
clock to reduce the operating frequency. In addition a 4-bit prescaler is available to change the
clocks of the peripherals.
Figure 6-1.
AT89LP51RB2/RC2 Clock Subsystem Diagram
Figure 6-2.
AT89LP51IC2 Clock Subsystem Diagram
XTAL1A
XTAL2A
SYSTEM CLOCK
(CLKSYS)
INTERNAL
8.0 MHz
OSC
0
1
2
3
8-BIT
CLOCK
DIVIDER
CLKIRC
CLKEXT
CLKXTAL
CLOCK FUSE A
4-BIT
PRESCALER
TPS3-0
Timer 0
Timer 1
Timer 2
PCA
Watchdog
÷2
0
1
X2 (CKCON0.0)
CKRL
0
1
CKRL != FFH
OSCA
XTAL1A
XTAL2A
SYSTEM CLOCK
(CLKSYS)
INTERNAL
8.0 MHz
OSC
0
1
2
3
8-BIT
CLOCK
DIVIDER
CLKIRC
CLKEXTA
CLKXTALA
CLOCK FUSE A
4-BIT
PRESCALER
TPS3-0
Timer 0
Timer 1
Timer 2
PCA
Watchdog
÷2
0
1
X2 (CKCON0.0)
CKRL
0
1
CKRL != FFH
OSCA
XTAL1B
XTAL2B
0
1
2
3
CLKIRC
CLKEXTB
CLKXTALB
CLOCK FUSE B
OSCB
OscAEn (OSCON.0)
OscBEn (OSCON.1)
0
1
CKS (CKSEL.0)
÷128
Timer 0 Subclock
Timer 2
(EXTB or XTALB
only via T2 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com