Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RB2 Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 41Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 42Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 43Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 44Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 45Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 46Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 47Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 48Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 254 page
background image
45
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
BEn bits in OSCCON. The oscillator selection at reset is controlled by the Oscillator Select user
fuse (See Section 24.2 on page 188). This fuse is also shadowed in the OSC bit of the boot-
loader Hardware Security Byte. The fuse sets the CKS, OscAEn and OscBEn bits as shown in
Table 6-3.
6.6.1
Normal Operation
Only a single oscillator source can drive the system clock at any one time. Under normal condi-
tions it is always possible to dynamically switch from OSCA to OSCB or vice-versa by changing
the CKS bit. The procedure is as follows:
1.
Enable the desired oscillator by setting the OscAEn or OscBEn bits in OSCCON
2.
Wait for the oscillator to stabilize. This can be a very long time when using the 32 kHz
oscillator. The application software must ensure that the delay is long enough for the
operating conditions
3.
Change CKS to switch the system clock source. This takes at most 2 periods of each
oscillator
4.
Disable the previous oscillator by clearing the OscAEn or OscBEn bits in OSCCON
5.
Note that unlike AT89C51IC2, the OSCB source is affected by both X2 and the CKRL
divider. When changing the clock source, the X2 and CKRL values may need to be
updated to achieve the desired frequency
The clock system hardware will prevent the disabling of the current active oscillator and will pre-
vent switching to a disabled oscillator. However, the hardware will not prevent switching to an
oscillator before it has stabilized. The application software must ensure enough delay between
enabling an oscillator and switching to that oscillator so that the oscillator source can stabilize.
This is generally only an issue when using one of the crystal oscillators.
6.6.2
Idle Operation
Any enabled oscillator will continue to function during Idle mode. Power can be reduced by dis-
abling the alternate oscillator before entering Idle mode. Once in Idle mode, the oscillator source
cannot be changed until the mode is exited. An interrupt exit from Idle will leave the oscillator
control bits (OscAEn, OscBEn and CKS) unchanged. Any reset will exit Idle mode and place
these bits in their default states as determined by the user fuse.
6.6.3
Power-down Operation
All oscillators are stopped during Power-down mode. Once in Power-down mode, the oscillator
source cannot be changed until the mode is exited. An interrupt exit from Power-down will leave
the oscillator control bits (OscAEn, OscBEn and CKS) unchanged. Any reset will exit Power-
down mode and place these bits in their default states as determined by the user fuse.
Table 6-3.
Oscillator Reset States
Control Bit
Oscillator Select Fuse
(HSB.OSC)
00H (0)
FFH (1)
OscAEn (OSCCON.0)
0
1
OscBEn (OSSCON.1)
1
0
CKS (CKSEL.0)
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com