Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RB2 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 36Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 37Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 38Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 39Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 40Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 41Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 42Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 43Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 254 page
background image
40
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
• The /DPTR instructions provide support for the dual data pointer features described above
(See Section 5.4).
•The ASR M, LSL M, CLR M and MAC AB instructions are part of the Multiply-Accumulate
Unit (See Section 5.3).
• The JMP @A+PC instruction supports localized jump tables without using a data pointer.
•The CJNE A, @R
i, rel instructions allow compares of array values with non-constant values.
• The BREAK instruction is used by the On-Chip Debug system. See Section 23. on page 183.
• Some third party assemblers/compilers do not support these instructions. In order to use
them you may need to write assembly functions that emulate the instruction by declaring the
opcodes inline as shown in Table 5-11.
A5 A4
MAC AB
Multiply and accumulate
2
9
A5 B6
CJNE A, @R0, rel
Compare ACC to indirect RAM and
jump if not equal
34
A5 B7
CJNE A, @R1, rel
Compare ACC to indirect RAM and
jump if not equal
34
A5 E0
MOVX A, @/DPTR
Move external to ACC; 16-bit address
in alternate data pointer
23/5
A5 E4
CLR M
Clear M register
2
2
A5 F0
MOVX @/DPTR, A
Move ACC to external; 16-bit address
in alternate data pointer
23/5
Table 5-11.
Extended Instruction Assembly Emulations
Opcode
Mnemonic
Emulation
A5 00
BREAK
DB A5H, 00H
A5 03
ASR M
DB A5H, 03H or DB A5H followed by RR A
A5 23
LSL M
DB A5H, 23H or DB A5H followed by RL A
A5 73
JMP @A+PC
DB A5H, 73H or DB A5H followed by JMP @A+DPTR
A5 90
MOV /DPTR, #data16
DB A5H followed by MOV DPTR, #data16
A5 93
MOVC A, @A+/DPTR
DB A5H, 93H or DB A5H followed by MOVC A, @A+DPTR
A5 A3
INC /DPTR
DB A5H, A3H or DB A5H followed by INC DPTR
A5 A4
MAC AB
DB A5H, A4H or DB A5H followed by MUL AB
A5 B6
CJNE A, @R0, rel
DB A5H, B6H, (LABEL-$-3) where LABEL is the jump target
A5 B7
CJNE A, @R1, rel
DB A5H, B7H, (LABEL-$-3) where LABEL is the jump target
A5 E0
MOVX A, @/DPTR
DB A5H, E0H or DB A5H followed by MOVX A, @DPTR
A5 E4
CLR M
DB E4H, E0H or DB A5H followed by CLR A
A5 F0
MOVX @/DPTR, A
DB A5H, F0H or DB A5H followed by MOVX @DPTR, A
Table 5-10.
AT89LP51RB2/RC2/IC2 Extended Instructions
Opcode
Mnemonic
Description
Bytes
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com