Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RB2 Datasheet(PDF) 101 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 101 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 97Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 98Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 99Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 100Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 101Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 102Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 103Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 104Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 105Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 254 page
background image
101
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
15.3
PCA Capture Mode
To use one of the PCA modules in the capture mode either one or both of the CCAPM bits
CAPN and CAPP for that module must be set. The external CEX input for the module (on port 1)
is sampled for a transition. When a valid transition occurs the PCA hardware loads the value of
the PCA counter registers (CH and CL) into the module's capture registers (CCAPnL and CCA-
PnH). If the CCFn bit for the module in the CCON SFR and the ECCFn bit in the CCAPMn SFR
are set then an interrupt will be generated (Refer to Figure 15-3).
Figure 15-3. PCA Capture Mode
15.4
16-bit Software Timer/ Compare Mode
The PCA modules can be used as software timers by setting both the ECOM and MAT bits in
the modules CCAPMn register. The PCA timer will be compared to the module's capture regis-
ters and when a match occurs an interrupt will occur if the CCFn (CCON SFR) and the ECCFn
(CCAPMn SFR) bits for the module are both set (See Figure 15-4).
Figure 15-4. PCA Compare Mode and PCA Watchdog Timer
Before enabling ECOM bit, CCAPnL and CCAPnH should be set with a non zero value, other-
wise an unwanted match could happen. Writing to CCAPnH will set the ECOM bit. Once ECOM
is set, writing CCAPnL will clear ECOM so that an unwanted match doesn’t occur while modify-
ing the compare value. Writing to CCAPnH will set ECOM. For this reason, user software should
write CCAPnL first, and then CCAPnH. Of course, the ECOM bit can still be controlled by
accessing to CCAPMn register.
CL
CH
CCAPnL
CCAPnH
Interrupt
CEXn
CCFn
CCAPMn.0
ECCFn
CAPNn
CCAPMn.4
CAPPn
CCAPMn.5
Module n
CL
CH
CCAPnL
CCAPnH
Interrupt
CCFn
=
MATn
CCAPMn.3
ECOMn
0
1
Write to
CCAPnH
Write to
CCAPnL
ECCFn
CCAPMn.0
WDTE
CMOD.6 (Module 4 only)
Module n
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com