Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51RB2 Datasheet(PDF) 104 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 104 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 100Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 101Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 102Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 103Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 104Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 105Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 106Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 107Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 108Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 254 page
background image
104
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
15.7
PCA Watchdog Timer
An on-board watchdog timer is available with the PCA to improve the reliability of the system
without increasing chip count. Watchdog timers are useful for systems that are susceptible to
noise, power glitches, or electrostatic discharge. Module 4 is the only PCA module that can be
programmed as a watchdog. However, this module can still be used for other modes if the
watchdog is not needed. Figure 15-4 shows a diagram of how the watchdog works. The user
pre-loads a 16-bit value in the compare registers. Just like the other compare modes, this 16-bit
value is compared to the PCA timer value. If a match is allowed to occur, an internal reset will be
generated. This reset will not cause the RST pin to be driven active.
In order to hold off the reset, the user has three options:
1.
Periodically change the compare value so it will never match the PCA timer.
2.
Periodically change the PCA timer value so it will never match the compare values.
3.
Disable the watchdog by clearing the WDTE bit before a match occurs and then re-
enable it.
The first two options are more reliable because the watchdog timer is never disabled as in option
#3. If the program counter ever goes astray, a match will eventually occur and cause an internal
reset. The second option is also not recommended if other PCA modules are being used.
Remember, the PCA timer is the time base for all modules; changing the time base for other
modules would not be a good idea. Thus, in most applications the first solution is the best option.
This watchdog timer won’t generate a reset out on the reset pin. Only the Hardware Watchdog
can generate a board-level reset.
16. Hardware Watchdog Timer
The programmable Hardware Watchdog Timer (WDT) protects the system from incorrect execu-
tion by triggering a system reset when it times out after the software has failed to feed the timer
prior to the timer overflow. Each WDT clock cycle depends on the Timer Prescaler (see Section
6.9 on page 48). By Default the WDT counts every 6 CPU clock cycles since TPS = 5. The pres-
caler bits, PS0, PS1 and PS2 in SFR WDTPRG are used to set the period of the Watchdog
Timer from 16K to 2048K WDT clock cycles. The WDT is disabled by Reset and during Power-
down mode. When the WDT times out without being serviced, a RST pulse last 96 system
clocks (48 system clocks in X2 Mode) is generated to reset the CPU. This reset is also driven
out on the RST pin (see Section 7.4 on page 54) if the DISRTO bit in WDTPRG is not set. See
Table 16-1 for the available WDT period selections
The Watchdog Timer consists of a 14-bit timer with 7-bit programmable prescaler. Writing the
sequence 1EH/E1H to the WDTRST register enables the timer. When the WDT is enabled, the
WDTEN bit in WDTPRG will be set to “1”. To prevent the WDT from generating a reset when if
overflows, the watchdog feed sequence must be written to WDTRST before the end of the time-
out period. To feed the watchdog, two write instructions must be sequentially executed success-
fully. Between the two write instructions, SFR reads are allowed, but writes are not allowed. The
instructions should move 1EH to the WDTRST register and then 1EH to the WDTRST register.
An incorrect feed or enable sequence will cause an immediate watchdog reset.
Time-out Period
2
WTO
14
+
()
fSYS
-----------------------------
TPS
1
+
()
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com