Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81C2012 Datasheet(PDF) 81 Page - Hynix Semiconductor

Part # GMS81C2012
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 81 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 77Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 78Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 79Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 80Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 81Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 82Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 83Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 84Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 85Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 107 page
background image
HYUNDAI MicroElectronics
GMS81C2012/GMS81C2020
MAR. 2000 Ver 1.00
81
.
Figure 17-2 STOP Mode Release Timing by External Interrupt
Figure 17-3 Timing of STOP Mode Release by RESET
17.3 Wake-up Timer Mode
In the Wake-up Timer mode, the on-chip oscillator is not
stopped. Except the Prescaler(only 2048 divided ratio) and
Timer0, all functions are stopped, but the on-chip RAM
and Control registers are held. The port pins out the values
held by their respective port data register, port direction
registers.
The Wake-up Timer mode is activated by execution of
STOP instruction after setting the bit WAKEUP of
CKCTLR to “1”. (This register should be written by
byte operation. If this register is set by bit manipulation
instruction, for example "set1" or "clr1" instruction, it
may be undesired operation)
Note: After STOP instruction, at least two or more NOP in-
struction should be written
Ex)
LDM TDR0,#0FFH
LDM TM0,#0001_1011B
LDM CKCTLR,#0100_1110B
STOP
NOP
NOP
In addition, the clock source of timer0 should be selected
to 2048 divided ratio. Otherwise, the wake-up function can
not work. And the timer0 can be operated as 16-bit timer
with timer1. (refer to timer function)The period of wake-
up function is varied by setting the timer data register 0,
TDR0.
Before executing Stop instruction, Basic Interval Timer must be set
Oscillator
(XIN pin)
n
0
BIT Counter
n+1
n+2
n+3
Normal Operation
Stop Operation
Normal Operation
1
FE
FF
0
12
tST > 20ms
External Interrupt
Internal Clock
Clear
STOP Instruction
Executed
properly by software to get stabilization time which is longer than 20ms.
by software
STOP Mode
Time can not be control by software
Oscillator
(XI pin)
STOP Instruction Execution
Stabilization Time
tST = 64mS @4MHz
Internal
Clock
Internal
RESETB
RESETB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com