Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81C2012 Datasheet(PDF) 23 Page - Hynix Semiconductor

Part # GMS81C2012
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 23 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 19Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 20Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 21Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 22Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 23Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 24Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 25Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 26Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 27Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 107 page
background image
HYUNDAI MicroElectronics
GMS81C2012/GMS81C2020
MAR. 2000 Ver 1.00
23
7.8 Typical Characteristics
This graphs and tables provided in this section are for de-
sign guidance only and are not tested or guaranteed.
In some graphs or tables the data presented are out-
side specified operating range (e.g. outside specified
VDD range). This is for information only and devices
are guaranteed to operate properly only within the
specified range.
The data presented in this section is a statistical summary
of data collected on units from different lots over a period
of time. “Typical” represents the mean of the distribution
while “max” or “min” represents (mean + 3
σ) and (mean −
3
σ) respectively where σ is standard deviation
IOH−VOH
-1.6
-1.2
-0.8
-0.4
0
4.6
4.7
4.8
4.9
5.0 (V)
Ta=25
°C
VDD=5.0V
(mA)
IOH
VOH
IOH−VOH
-1.6
-1.2
-0.8
-0.4
0
3.6
3.7
3.8
3.9
4.0 (V)
Ta=25
°C
VDD=4.0V
(mA)
IOH
VOH
IOH−VOH
-1.6
-1.2
-0.8
-0.4
0
2.6
2.7
2.8
2.9
3.0 (V)
Ta=25
°C
VDD=3.0V
(mA)
IOH
VOH
IOL−VOL
16
12
8
4
0
0.6
0.8
1.0
1.2
1.4 (V)
Ta=25
°C
VDD=5.0V
(mA)
IOL
VOL
IOL−VOL
16
12
8
4
0
0.6
0.8
1.0
1.2
1.4 (V)
Ta=25
°C
VDD=4.0V
(mA)
IOL
VOL
IOL−VOL
16
12
8
4
0
0.6
0.8
1.0
1.2
1.4 (V)
Ta=25
°C
VDD=3.0V
(mA)
IOL
VOL
IOH−VOH
-16
-12
-8
-4
0
1.0
2.0
3.0
4.0
5.0 (V)
Ta=25
°C
VDD=5.0V
(mA)
IOH
VOH
IOH−VOH
-16
-12
-8
-4
0
1.0
2.0
3.0
4.0
5.0 (V)
Ta=25
°C
VDD=4.0V
(mA)
IOH
VOH
IOH−VOH
-16
-12
-8
-4
0
1.0
2.0
3.0
4.0
5.0 (V)
Ta=25
°C
VDD=3.0V
(mA)
IOH
VOH
R40~R43, R5, R6, R70~R73
BUZO, T0O, PWM1O/T1O
SCLK, SOUT pins
R40~R43, R5, R6, R70~R73
BUZO, T0O, PWM1O/T1O
SCLK, SOUT pins
R0, R1, R2,RA
R30~R35 pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com