Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81C2012 Datasheet(PDF) 64 Page - Hynix Semiconductor

Part # GMS81C2012
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 64 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 60Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 61Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 62Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 63Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 64Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 65Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 66Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 67Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 68Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 107 page
background image
GMS81C2012/GMS81C2020
HYUNDAI MicroElectronics
64
MAR. 2000 Ver 1.00
Figure 13-3 A/D Converter Operation Flow
A/D Converter Cautions
(1) Input range of AN11 to AN0
The input voltage of AN11 to AN0 should be within the
specification range. In particular, if a voltage above AVDD
or below AVSS is input (even if within the absolute maximum
rating range), the conversion value for that channel can not be in-
determinate. The conversion values of the other channels may
also be affected.
(2) Noise countermeasures
In order to maintain 8-bit resolution, attention must be paid to
noise on pins AVDD and AN11 to AN0. Since
the effect in-
creases in proportion to the output impedance of the analog
input source, it is recommended that a capacitor be connected
externally as shown in Figure 13-4 in order to reduce noise.
Figure 13-4 Analog Input Pin Connecting Capacitor
(3) Pins AN11/R73 to AN8/R70 and AN7/R67 to AN0/
R60
The analog input pins AN11 to AN0 also function as input/
output port (PORT R7 and R6) pins. When A/D conver-
sion is performed with any of pins AN11 to AN0 selected,
be sure not to execute a PORT input instruction while con-
version is in progress, as this may reduce the conversion
resolution.
Also, if digital pulses are applied to a pin adjacent to the
pin in the process of A/D conversion, the expected A/D
conversion value may not be obtainable due to coupling
noise. Therefore, avoid applying pulses to pins adjacent to
the pin undergoing A/D conversion.
(4) AVDD pin input impedance
A series resistor string of approximately 10K
Ω is connected be-
tween the AVDD pin and the AVSS pin.
Therefore, if the output impedance of the reference voltage
source is high, this will result in parallel connection to the
series resistor string between the AVDD pin and the AVSS pin,
and there will be a large reference voltage error.
ENABLE A/D CONVERTER
A/D START ( ADST = 1 )
NOP
ADSF = 1
A/D INPUT CHANNEL SELECT
ANALOG REFERENCE SELECT
READ ADCR
YES
NO
AN11~AN0
100~1000pF
Analog
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com