Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81C2012 Datasheet(PDF) 52 Page - Hynix Semiconductor

Part # GMS81C2012
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 52 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 48Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 49Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 50Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 51Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 52Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 53Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 54Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 55Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 56Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 107 page
background image
GMS81C2012/GMS81C2020
HYUNDAI MicroElectronics
52
MAR. 2000 Ver 1.00
8-bit Timer Mode
In the timer mode, the internal clock is used for counting
up. Thus, you can think of it as counting internal clock in-
put. The contents of TDRn are compared with the contents
of up-counter, Tn. If match is found, a timer 1 interrupt
(T1IF) is generated and the up-counter is cleared to 0.
Counting up is resumed after the up-counter is cleared.
As the value of TDRn is changeable by software, time in-
terval is set as you want
Figure 12-3 Timer Mode Timing Chart
Figure 12-4 Timer Count Example
0
n-2
2
0
n
3
n-1
n
Source clock
Up-counter
TDR1
T1IF interrupt
Start count
1
23
1
4
Match
Detect
Counter
Clear
Timer 1 (T1IF)
Interrupt
TDR1
TIME
Occur interrupt
Occur interrupt
Occur interrupt
Interrupt period
0
1
2
3
4
5
6
7A
7D
7C
Count Pulse
= 8
µs x 125
7B
MATCH
Example: Make 2ms
interrupt using by Timer0 at 4MHz
LDM
TM0,#0FH
; divide by 32
LDM
TDR0,#125
; 8us x 125= 1ms
SET1
T0E
; Enable Timer 0 Interrupt
EI
; Enable Master Interrupt
Period
When
TDR0 = 125D = 7DH
fXIN = 4 MHz
INTERRUPT PERIOD =
4
× 106 Hz
1
× 32 × 125 = 1 ms
TM0 = 0000 1111B (8-bit Timer mode, Prescaler divide ratio = 32)
8
µs
(TDR0 = T0)
7D
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com