Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81C2012 Datasheet(PDF) 40 Page - Hynix Semiconductor

Part # GMS81C2012
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 40 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 36Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 37Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 38Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 39Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 40Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 41Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 42Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 43Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 44Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 107 page
background image
GMS81C2012/GMS81C2020
HYUNDAI MicroElectronics
40
MAR. 2000 Ver 1.00
R1 and R0IO register: R1 is an 8-bit high-voltage CMOS
bidirectional I/O port (address 0C2H). Each port can be set
individually as input and output through the R1IO register
(address 0C3H). Each port can directly drive a vacuum flu-
orescent display.
R2 and R2IO register: R2 is an 8-bit high-voltage CMOS
bidirectional I/O port (address 0C4H). Each port can be set
individually as input and output through the R2IO register
(address 0C5H). Each port can directly drive a vacuum flu-
orescent display.
R3 and R3IO register: R3 is a 6-bit high-voltage CMOS
bidirectional I/O port (address 0C6H). Each port can be set
individually as input and output through the R3IO register
(address 0C7H).
R4 and R4IO register: R4 is a 4-bit bidirectional I/O port
(address 0C8H). Each port can be set individually as input
and output through the R4IO register (address 0C9H). R40
port is multiplexed with Timer 0 Output Port (T0O).
The control register R4FUNC (address 0F5H) controls to
select alternate function. After reset, this value is "0", port
may be used as general I/O ports. To select alternate func-
tion such as Timer 0 Output, write "1" to the corresponding
bit of R4FUNC. Regardless of the direction register R4IO,
R4FUNC is selected to use as alternate functions, port pin
can be used as a corresponding alternate features (T0O)
R1 Data Register
R1
ADDRESS: 0C2H
RESET VALUE: Undefined
R17 R16 R15 R14 R13 R12 R11 R10
Port Direction
R1 Direction Register
R1IO
ADDRESS : 0C3H
RESET VALUE : 00H
0: Input
1: Output
Input / Output data
R2 Data Register
R2
ADDRESS: 0C4H
RESET VALUE: Undefined
R27 R26 R25 R24 R23 R22 R21 R20
Port Direction
R2 Direction Register
R2IO
ADDRESS : 0C5H
RESET VALUE : 00H
0: Input
1: Output
Input / Output data
Port Pin
Alternate Function
R40
T0O (Timer 0 Compare Output Port)
R3 Data Register
R3
ADDRESS: 0C6H
RESET VALUE: Undefined
-
-
R35 R34 R33 R32 R31 R30
Port Direction
R3 Direction Register
R3IO
ADDRESS : 0C7H
RESET VALUE : --000000B
0: Input
1: Output
Input / Output data
-
-
R4 Data Register
R4
ADDRESS: 0C8H
RESET VALUE: Undefined
-
-
-
-
R43 R42 R41 R40
Port Direction
R4 Direction Register
R4IO
ADDRESS : 0C9H
RESET VALUE : ----0000B
0: Input
1: Output
Input / Output data
R4 Function Selection Register
R4FUNC
ADDRESS : 0F5H
RESET VALUE : -------0B
0: R40
1: T0O
T0O
-
-
-
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com