Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81C2012 Datasheet(PDF) 49 Page - Hynix Semiconductor

Part # GMS81C2012
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 49 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 45Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 46Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 47Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 48Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 49Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 50Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 51Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 52Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 53Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 107 page
background image
HYUNDAI MicroElectronics
GMS81C2012/GMS81C2020
MAR. 2000 Ver 1.00
49
Figure 12-1 TM0, TM1 Registers
BTCL
7
654
32
10
16BIT
POL
T1CN
INITIAL VALUE: 00H
ADDRESS: 0D2H
TM1
T1ST
T1CK0
T1CK1
PWM1E
CAP1
Bit Name
Bit Position
Description
POL
TM1.7
0: PWM Duty Active Low
1: PWM Duty Active High
16BIT
TM1.6
0: 8-bit Mode
1: 16-bit Mode
PWMIE
TM1.5
0: Disable PWM
1: Enable PWM
CAP1
TM1.4
0: Timer/Counter mode
1: Capture mode selection flag
T1CK1
T1CK0
TM1.3
TM1.2
00: 8-bit Timer, Clock source is fXIN
01: 8-bit Timer, Clock source is fXIN ÷ 2
10: 8-bit Timer, Clock source is fXIN ÷ 8
11: 8-bit Timer, Clock source is Using the the Timer 0 Clock
T0CN
TM1.1
0: Stop the timer
1: A logic 1 starts the timer.
T0ST
TM1.0
0: When cleared, stop the counting.
1: When set, Timer 0 Count Register is cleared and start again.
BTCL
543
210
-
-
T 0C N
IN ITIAL V ALU E: --000000B
AD D R ES S: 0D 0H
TM0
T0ST
T0C k0
T0C K1
CA P0
T0Ck2
Bit Name
Bit Position
Description
CAP0
TM0.5
0: Timer/Counter mode
1: Capture mode selection flag
T0CK2
T0CK1
T0CK0
TM0.4
TM0.3
TM0.2
000: 8-bit Timer, Clock source is fXIN ÷ 2
001: 8-bit Timer, Clock source is fXIN ÷ 4
010: 8-bit Timer, Clock source is fXIN ÷ 8
011: 8-bit Timer, Clock source is fXIN ÷ 32
100: 8-bit Timer, Clock source is fXIN ÷ 128
101: 8-bit Timer, Clock source is fXIN ÷ 512
110: 8-bit Timer, Clock source is fXIN ÷ 2048
111: EC0 (External clock)
T0CN
TM0.1
0: Stop the timer
1: A logic 1 starts the timer.
T0ST
TM0.0
0: When cleared, stop the counting.
1: When set, Timer 0 Count Register is cleared and start again.
76
54
32
10
INITIAL VALUE: Undefined
ADDRESS: 0D1H
TDR0
Read: Count value read
Write: Compare data write
R/W R/W R/W R/W R/W R/W R/W R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
54
32
10
INITIAL VALUE: Undefined
ADDRESS: 0D3H
TDR1
R/W R/W R/W R/W R/W R/W R/W R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com