Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81C2012 Datasheet(PDF) 63 Page - Hynix Semiconductor

Part # GMS81C2012
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 63 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 59Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 60Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 61Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 62Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 63Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 64Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 65Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 66Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 67Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 107 page
background image
HYUNDAI MicroElectronics
GMS81C2012/GMS81C2020
MAR. 2000 Ver 1.00
63
.
Figure 13-2 A/D Block Diagram
R60/AN0
S/H
Sample & Hold
“0”
“1”
ADEN
AVDD
ADIF
A/D
INTERRUPT
SUCCESSIVE
APPROXIMATION
CIRCUIT
ADR (8-bit)
A/D result register
ADDRESS: E9H
RESET VALUE: Undefined
0000
ADS[3:0]
LADDER RESISTOR
8-bit DAC
R61/AN1
0001
R62/AN2
0010
R63/AN3
0011
R64/AN4
0100
R65/AN5
0101
R66/AN6
0110
R67/AN7
0111
ANSEL0
R6FUNC[7:0]
ANSEL1
ANSEL2
ANSEL3
ANSEL4
ANSEL5
ANSEL6
ANSEL7
R70/AN8
1000
R71/AN9
1001
R72/AN10
1010
R73/AN11
1011
ANSEL8
ANSEL9
ANSEL10
ANSEL11
R7FUNC[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com