Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81C2012 Datasheet(PDF) 35 Page - Hynix Semiconductor

Part # GMS81C2012
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 35 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 31Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 32Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 33Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 34Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 35Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 36Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 37Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 38Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 39Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 107 page
background image
HYUNDAI MicroElectronics
GMS81C2012/GMS81C2020
MAR. 2000 Ver 1.00
35
8.4 Addressing Mode
The GMS800 series MCU uses six addressing modes;
• Register addressing
• Immediate addressing
• Direct page addressing
• Absolute addressing
• Indexed addressing
• Register-indirect addressing
(1) Register Addressing
Register addressing accesses the A, X, Y, C and PSW.
(2) Immediate Addressing
→
→
→
→ #imm
In this mode, second byte (operand) is accessed as a data
immediately.
Example:
0435
ADC
#35H
When G-flag is 1, then RAM address is defined by 16-bit
address which is composed of 8-bit RAM paging register
(RPR) and 8-bit immediate data.
Example: G=1
E45535
LDM
35H,#55H
(3) Direct Page Addressing
→
→
→
→ dp
In this mode, a address is specified within direct page.
Example; G=0
C535
LDA
35H
;A
←RAM[35H]
(4) Absolute Addressing
→
→
→
→ !abs
Absolute addressing sets corresponding memory data to
Data, i.e. second byte (Operand I) of command becomes
lower level address and third byte (Operand II) becomes
upper level address.
With 3 bytes command, it is possible to access to whole
memory area.
ADC, AND, CMP, CMPX, CMPY, EOR, LDA, LDX,
LDY, OR, SBC, STA, STX, STY
Example;
0735F0
ADC
!0F035H
;A
←ROM[0F035H]
The operation within data memory (RAM)
ASL, BIT, DEC, INC, LSR, ROL, ROR
Example; Addressing accesses the address 0135H regard-
less of G-flag.
35
A+35H+C
→ A
04
MEMORY
E4
0F100H
data ¨ 55H
~
~
~
~
data
0135H
–
35
0F102H
55
0F101H
—
data
35
35H
0E551H
data
→ A
—
–
~
~
~
~
C5
0E550H
07
0F100H
~
~
~
~
data
0F035H
–
F0
0F102H
35
0F101H
—
A+data+C
→ A
address: 0F035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com